Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC55130IMZ Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # HC55130IMZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55130IMZ Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button HC55130IMZ Datasheet HTML 8Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 9Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 10Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 11Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 12Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 13Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 14Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 15Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
POWER DISSIPATION (VBH = -48V, VBL = -24V)
Open Circuit State
C1, C2, C3 = 0, 0, 0
-
25
-
mW
Forward
Only
•
Forward
Only
•••
On-Hook, Active
C1, C2, C3 = 0, 1, 0
C1, C2, C3 = 1, 1, 0
•
•••
Forward and Reverse
IL = 0mA, Longitudinal
Current = 0mA
-52-
mW
Forward
Only
•
Forward
Only
•••
POWER SUPPLY CURRENTS (VBH = -48V, VBL = -24V)
VCC Current, ICC
Open Circuit State
-
2.25
3.0
mA
Forward
Only
•
Forward
Only
•••
VBH Current, IBH
-
0.3
0.45
mA
Forward
Only
•
Forward
Only
•••
VBL Current, IBL
-
0.022
0.035
mA
Forward
Only
•
Forward
Only
•••
VCC Current, ICC
Forward and Reverse
Active State
IL = 0mA, Longitudinal
Current = 0mA
-
2.7
3.6
mA
Forward
Only
•
Forward
Only
•••
VBH Current, IBH
Forward and Reverse
-
0.8
1.06
mA
Forward
Only
•
Forward
Only
•••
VBL Current, IBL
Forward and Reverse
-
-
0.01
mA
Forward
Only
•
Forward
Only
•••
POWER SUPPLY REJECTION RATIOS
VCC to 2 or 4 Wire Port
Forward and Reverse
Active State RL = 600
50Hz < f < 3400Hz, VIN =100mV
-
40
-
dB
Forward
Only
•
Forward
Only
•••
VBH to 2 or 4 Wire Port
Forward and Reverse
-
40
-
dB
Forward
Only
•
Forward
Only
•••
VBL to 2 or 4 Wire Port
Forward and Reverse
-
40
-
dB
Forward
Only
•
Forward
Only
•••
TEMPERATURE GUARD
Junction Threshold Temperature
-
175
-
°C
•
•••••
Electrical Specifications
TA = -40°C to 85°C, VCC = +5V 5%, VBH = -48V, VBL = -24V, PTG = Open, RP1 = RP2 = 0ZT = 120k, RLIM = 38.3k, RD = 50k, RDC_RAC = 20k,
ROH = 40k, CH = 0.1F, CDC = 4.7F, CRT/REV = 0.47F, GND = 0V, RL = 600. Unless Otherwise Specified.
(•) Symbol used to indicate the test
applies to the part. (NA) symbol used to indicate the test does not apply to the part. (Continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HC55120
HC55121
HC55130/1 HC55140/1 HC55142/3 HC55150/1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com