Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HC55130IMZ Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # HC55130IMZ
Description  Low Power UniSLIC14 Family
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC55130IMZ Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button HC55130IMZ Datasheet HTML 22Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 23Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 24Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 25Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 26Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 27Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 28Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 29Page - Renesas Technology Corp HC55130IMZ Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
HC55120, HC55121, HC55130, HC55140, HC55142, HC55143, HC55150
FN4659 Rev 13.00
Page 26 of 36
June 1, 2006
Given: VBH = VBL = -48V, Loop current = 30mA, RL (load
across tip and ring) = 600
, Quiescent battery power =
(48V) (0.8mA) = 38.4mW, Quiescent VCC power = (5V)
(2.7mA) = 13.5mW, Power sharing resistor = 600
.
1. Without power sharing, the on-chip power dissipation
would be 952mW (Equation 42).
2. With power sharing, the on-chip power dissipation is
412mW (Equation 43). A power redistribution of 540mW.
On-chip power dissipation without power sharing resistor.
On-chip power dissipation with 600
 power sharing resistor.
Battery Selection
Battery selection is a technique, for a two battery supply
system, where the SLIC automatically diverts the loop
current to the most appropriate supply for a given loop
length. This results in significant power savings and lowers
the total power consumption on short loops. This technique
is particularly useful if most of the lines are short, and the on
hook condition requires a -48V battery. In Figure 26, it can
be seen that for long loops the majority of the current comes
from the high battery supply (VBH) and for short loops from
the low battery supply (VBL).
PD
VBH
 30mA
 38.4mW 13.5mW
RL
 30mA

2
–
++
=
(EQ. 42)
PD
952mW
=
PD
VBH
 30mA
 38.4mW 13.5mW
++
=
(EQ. 43)
RL
 30mA

2
–
RPS
 30mA

2
–
PD
412mW
=
FIGURE 25. POWER SHARING (SINGLE SUPPLY SYSTEMS)
VTX
VRX
UniSLIC14
TIP
RING
VBL
VBH
-48V
-48V
ON SHORT LOOPS, THE
MAJORITY OF CURRENT
FLOWS OUT THE VBL PIN
RPS
FIGURE 26. BATTERY SELECTION (DUAL SUPPLY SYSTEMS)
0
35
30
25
20
15
10
5
LOOP RESISTANCE (
)
40
VBH = -48V
VBL = -24V
RILim = 33.2k
VBL
VBH
VBH
VBL
Pinouts - 28 Lead PLCC Packages
HC55120
(28 LEAD PLCC)
TOP VIEW
HC55121
(28 LEAD PLCC)
TOP VIEW
RSYNC
ILIM
ROH
RD
AGND
GKD
VCC
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17 18
19
20
21
22
23
24
25
26
27
28
BGND
TIP
VBH
VBL
RING
CRT
RDC_RAC
RSYNC_REV
ILIM
ROH
RD
AGND
GKD
VCC
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15
16 17
18
19
20
21
22
23
24
25
26
27
28
BGND
TIP
VBH
VBL
RING
CRT_REV
RDC_RAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com