Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL3222ECP Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # ICL3222ECP
Description  ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3222ECP Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button ICL3222ECP Datasheet HTML 6Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 7Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 8Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 9Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 10Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 11Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 12Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 13Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
ICL3221E, ICL3222E, ICL3223E, ICL3232E, ICL3241E, ICL3243E
FN4910 Rev 22.00
Page 10 of 33
December 9, 2015
ICL3241EIVZ (Note 2)
ICL3241 EIVZ
-40 to +85 28 Ld TSSOP (Pb-free)
M28.173
ICL3241EIVZ-T (Notes 1, 2)
ICL3241 EIVZ
-40 to +85 28 Ld TSSOP (Pb-free)
M28.173
ICL3243ECAZ (Note 2)
ICL32 43ECAZ
0 to +70
28 Ld SSOP (Pb-free)
M28.209
ICL3243ECAZ-T (Notes 1, 2)
ICL32 43ECAZ
0 to +70
28 Ld SSOP (Pb-free)
M28.209
ICL3243ECBZ (Note 2)
ICL3243ECBZ
0 to +70
28 Ld SOIC (Pb-free)
M28.3
ICL3243ECBZ-T (Notes 1, 2)
ICL3243ECBZ
0 to +70
28 Ld SOIC (Pb-free)
M28.3
ICL3243ECVZ (Note 2)
ICL3243 ECVZ
0 to +70
28 Ld TSSOP (Pb-free)
M28.173
ICL3243ECVZ-T (Notes 1, 2)
ICL3243 ECVZ
0 to +70
28 Ld TSSOP (Pb-free)
M28.173
ICL3243EIAZ (Note 2)
ICL32 43EIAZ
-40 to +85 28 Ld SSOP (Pb-free)
M28.209
ICL3243EIAZ-T (Notes 1, 2)
ICL32 43EIAZ
-40 to +85 28 Ld SSOP (Pb-free)
M28.209
ICL3243EIVZ (Note 2)
ICL3243 EIVZ
-40 to +85 28 Ld TSSOP (Pb-free)
M28.173
ICL3243EIVZ-T (Notes 1, 2)
ICL3243 EIVZ
-40 to +85 28 Ld TSSOP (Pb-free)
M28.173
NOTES:
1. Please refer to TB347 for details on reel specifications.
2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach
materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
3. For Moisture Sensitivity Level (MSL), please see device information page for ICL3221E, ICL3222E, ICL3223E, ICL3232E,
ICL3241E, ICL3243E. For more information on MSL please see techbrief TB363.
Ordering Information (Continued)
PART NUMBER
(Note 3)
PART
MARKING
TEMP
RANGE
(°C)
PACKAGE
PKG.
DWG. #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com