Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICL3222ECP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ICL3222ECP
Description  ESD Protection for RS-232 I/O Pins to 짹15kV (IEC61000)
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ICL3222ECP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ICL3222ECP Datasheet HTML 9Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 10Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 11Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 12Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 13Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 14Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 15Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 16Page - Renesas Technology Corp ICL3222ECP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
ICL3221E, ICL3222E, ICL3223E, ICL3232E, ICL3241E, ICL3243E
FN4910 Rev 22.00
Page 13 of 33
December 9, 2015
AUTOMATIC POWER-DOWN (ICL3221E, ICL3223E, ICL3243E Only, FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds
to Enable Transmitters
ICL32xxE Powers Up (see Figure 6)
Full
-2.7
-
2.7
V
Receiver Input Thresholds
to Disable Transmitters
ICL32xxE Powers Down (see Figure 6)
Full
-0.3
-
0.3
V
INVALID Output Voltage
Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID Output Voltage
High
IOUT = -1.0mA
Full
VCC - 0.6
--
V
Receiver Threshold to
Transmitters Enabled Delay
(tWU)
25
-
100
-
µs
Receiver Positive or
Negative Threshold to
INVALID High Delay
(tINVH)
25
-
1
-
µs
Receiver Positive or
Negative Threshold to
INVALID Low Delay (tINVL)
25
-
30
-
µs
RECEIVER INPUTS
Input Voltage Range
25
-25
-
25
V
Input Threshold Low
VCC = 3.3V
25
0.6
1.2
-
V
VCC = 5.0V
25
0.8
1.5
-
V
Input Threshold High
VCC = 3.3V
25
-
1.5
2.4
V
VCC = 5.0V
25
-
1.8
2.4
V
Input Hysteresis
25
-
0.5
-
V
Input Resistance
25
3
5
7
kΩ
TRANSMITTER OUTPUTS
Output Voltage Swing
All Transmitter Outputs Loaded with 3k
Ω to Ground
Full
5.0
5.4
-
V
Output Resistance
VCC = V+ = V- = 0V, Transmitter Output = 2V
Full
300
10M
-
Ω
Output Short-Circuit
Current
Full
-
35
60
mA
Output Leakage Current
VOUT =12V, VCC = 0V or 3V to 5.5V,
Automatic Power-Down or
FORCEOFF = SHDN = GND
Full
-
-
25
µA
MOUSE DRIVEABILITY (ICL324XE Only)
Transmitter Output Voltage
(see Figure 9)
T1IN = T2IN = GND, T3IN = VCC, T3OUT Loaded
with 3k
Ω to GND, T1OUT and T2OUT Loaded with
2.5mA Each
Full
5
--
V
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ, CL = 1000pF, One Transmitter
Switching
Full
250
500
-
kbps
Receiver Propagation Delay
Receiver Input to
Receiver Output,
CL = 150pF
tPHL
25
-
0.15
-
µs
tPLH
25
-
0.15
-
µs
Receiver Output Enable
Time
Normal Operation (Except ICL3232E)
25
-
200
-
ns
Electrical Specifications Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified.
Typicals are at TA = +25°C. Boldface limits apply over the operating temperature
range. (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 6)
TYP
MAX
(Note 6) UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com