Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX6SLLCEC Datasheet(PDF) 3 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 3 Page - NXP Semiconductors

  IMX6SLLCEC Datasheet HTML 1Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 2Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 3Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 4Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 5Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 6Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 7Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
Introduction
i.MX 6SLL Applications Processors for Consumer Products, Rev. 0.2, 11/2017
NXP Semiconductors
3
Figure 1 describes the part number nomenclature so that characteristics of a specific part number can be
identified (for example, Cores, Frequency, Temperature Grade, Fuse options, Silicon revision).
•
The i.MX 6SLL Applications Processors for Consumer Products data sheet (IMX6SLLCEC)
covers parts listed with a “D (Consumer temp)”
Ensure to have the right data sheet for specific part by checking the Temperature Grade (Junction) field
and matching it to the right data sheet. If there are any questions, visit the web page NXP.com/imx6series
or contact a NXP representative.
Figure 1. Part Number Nomenclature—i.MX 6SLL
1.2
Features
The i.MX 6SLL processor is based on Arm Cortex-A9 processor, which has the following features:
•
Arm Cortex-A9 MPCore CPU processor (with TrustZone)
•
The core configuration is symmetric, where each core includes:
— 32 KByte L1 Instruction Cache
— 32 KByte L1 Data Cache
— Private Timer and Watchdog
Junction Temperature (Tj)
+
Consumer: 0 to + 95 °C
D
Industrial: -40 to +105 °C
C
Arm Cortex-A9 Frequency
$$
1 GHz
10
800 MHz
08
Package Type
RoHS
13 x 13 0.5 mm BGA
VN
14 x 14 0.65 mm BGA
VM
Qualification Level
MC
Prototype Samples
PC
Mass Production
MC
Special
SC
Part # series
X
i.MX 6SLL
V
Silicon Rev
A
Rev 1.0
A
Rev 1.1
B
Fusing
%
Reserved
A
MC
IMX6
X
@
+
VV
$$
%
A
Part differentiator
@
With EPDC
7
Reserved for GPU option in the future
6
5
4
Security
3
General Purpose 2 (Full Feature)
2
General Purpose 1 (Reduced Feature)
1
Baseline, consumer
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com