Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IMX6SLLCEC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMX6SLLCEC
Description  i.MX 6SLL
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX6SLLCEC Datasheet(HTML) 1 Page - NXP Semiconductors

  IMX6SLLCEC Datasheet HTML 1Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 2Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 3Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 4Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 5Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 6Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 7Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 8Page - NXP Semiconductors IMX6SLLCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMX6SLLCEC
Rev. 0.2, 11/2017
Ordering Information
See Table 1 on page 2
© 2017 NXP B.V.
MCIMX6V7DVN10AB
Package Information
Plastic Package
13 x 13 mm, 0.5 mm pitch BGA
1
Introduction
The i.MX 6SLL processor represents NXP’s latest
achievement in integrated multimedia applications
processors, which are part of a growing family of
multimedia-focused products that offer high
performance processing and are optimized for lowest
power consumption.
The processor features NXP’s advanced implementation
of a single Arm® Cortex®-A9, which operates at speeds
up to 1 GHz. The processor provides a 32-bit DDR
interface that supports LPDDR2 and LPDDR3. In
addition, there are a number of other interfaces for
connecting peripherals, such as WLAN, Bluetooth™,
GPS, hard drive, displays, and camera sensors.
The i.MX 6SLL processor is specifically useful for
applications, such as:
•
Color and monochrome eReaders
•
Barcode scanners
•
Connectivity
•
IoT devices
i.MX 6SLL Applications
Processors for Consumer
Products
1.
Introduction . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1.
Ordering Information . . . . . . . . . . . . . . . . . . . . . . . 2
1.2.
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
2.
Architectural Overview . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
2.1.
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6
3.
Modules List . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
3.1.
Special Signal Considerations . . . . . . . . . . . . . . . 11
3.2.
Recommended Connections for Unused Analog
Interfaces . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
4.
Electrical Characteristics . . . . . . . . . . . . . . . . . . . . . . . . 15
4.1.
Chip-Level Conditions . . . . . . . . . . . . . . . . . . . . . 15
4.2.
Power Supplies Requirements and Restrictions . 23
4.3.
Integrated LDO Voltage Regulator Parameters . . 24
4.4.
PLL’s Electrical Characteristics . . . . . . . . . . . . . . . 25
4.5.
On-Chip Oscillators . . . . . . . . . . . . . . . . . . . . . . . 26
4.6.
I/O DC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 27
4.7.
I/O AC Parameters . . . . . . . . . . . . . . . . . . . . . . . . 31
4.8.
Output Buffer Impedance Parameters . . . . . . . . . 33
4.9.
System Modules Timing . . . . . . . . . . . . . . . . . . . . 36
4.10. External Peripheral Interface Parameters . . . . . . . 39
5.
Boot Mode Configuration . . . . . . . . . . . . . . . . . . . . . . . . 65
5.1.
Boot Mode Configuration Pins . . . . . . . . . . . . . . . 65
5.2.
Boot Devices Interfaces Allocation . . . . . . . . . . . . 66
6.
Package Information and Contact Assignments . . . . . . 67
6.1.
13 x 13 mm Package Information . . . . . . . . . . . . . 67
7.
Revision History . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 89


Similar Part No. - IMX6SLLCEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX6SLLIEC NXP-IMX6SLLIEC Datasheet
1Mb / 88P
i.MX 6SLL
Rev. 0.2, 11/2017
More results

Similar Description - IMX6SLLCEC

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
i.MX family of microprocessors
logo
NXP Semiconductors
IMX6SLCEC NXP-IMX6SLCEC Datasheet
1Mb / 106P
i.MX 6SoloLite
Rev. 5, 10/2017
IMX6SLLIEC NXP-IMX6SLLIEC Datasheet
1Mb / 88P
i.MX 6SLL
Rev. 0.2, 11/2017
IMX6ULAEC NXP-IMX6ULAEC Datasheet
1Mb / 119P
i.MX 6UltraLite
Rev. 2.2, 05/2017
IMX6ULCEC NXP-IMX6ULCEC Datasheet
2Mb / 132P
i.MX 6UltraLite
Rev. 2.2, 05/2017
IMX6ULIEC NXP-IMX6ULIEC Datasheet
2Mb / 132P
i.MX 6UltraLite
Rev. 2.2, 05/2017
IMX6ULLCEC NXP-IMX6ULLCEC Datasheet
2Mb / 139P
i.MX 6ULL
Rev. 1.2, 11/2017
IMX6ULLIEC NXP-IMX6ULLIEC Datasheet
2Mb / 139P
i.MX 6ULL
Rev. 1.2, 11/2017
IMX7DCEC NXP-IMX7DCEC Datasheet
1Mb / 158P
i.MX 7Dual Family
Rev. 5, 07/2017
IMX7SCEC NXP-IMX7SCEC Datasheet
1Mb / 152P
i.MX 7Solo Family
Rev. 5, 07/2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com