Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL54003 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # ISL54003
Description  Integrated Audio Amplifier Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54003 Datasheet(HTML) 4 Page - Renesas Technology Corp

  ISL54003 Datasheet HTML 1Page - Renesas Technology Corp ISL54003 Datasheet HTML 2Page - Renesas Technology Corp ISL54003 Datasheet HTML 3Page - Renesas Technology Corp ISL54003 Datasheet HTML 4Page - Renesas Technology Corp ISL54003 Datasheet HTML 5Page - Renesas Technology Corp ISL54003 Datasheet HTML 6Page - Renesas Technology Corp ISL54003 Datasheet HTML 7Page - Renesas Technology Corp ISL54003 Datasheet HTML 8Page - Renesas Technology Corp ISL54003 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ISL54003, ISL54005, ISL54006
FN6514 Rev 2.00
Page 4 of 16
October 30, 2007
Absolute Maximum Ratings
Thermal Information
VDD to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to +6.5V
Input Voltages
In_R, In_L, SD, INS, MIX, H_. . . . . . . . . . . . -0.3 to (VDD + 0.3V)
Output Voltages
SPK+, SPK-, Hp_ . . . . . . . . . . . . . . . . . . . . . -0.3 to (VDD + 0.3V)
Continuous Current (VDD, SPK_, Hp_, GND) . . . . . . . . . . . . 750mA
ESD Rating:
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>2kV
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>200V
Charged Device Model. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .>1kV
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Thermal Resistance (Typical, Notes 1, 2)
JA (°C/W) JC (°C/W)
20 Ld 4x4 TQFN Package . . . . . . . . . .
45
6.5
Maximum Junction Temperature. . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . . . -65°C to +150°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTE:
1.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. JC, the
“case temp” is measured at the center of the exposed metal pad on the package underside. See Tech Brief TB379.
2. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
Electrical Specifications - 5V Supply
Test Conditions: VDD = +5V, GND = 0V, VINH = 2.4V, VINL = 0.8V, SD = MIX = INS = HD =
VINL, CREF = 1µF, RL is terminated between SPK+ and SPK- for BTL driver and between
Hp_ and GND for SE drivers, Unless Otherwise Specified (Note 3).
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Notes 4, 5)
TYP
MAX
(Notes 4, 5) UNITS
GENERAL
Power Supply Range, VDD
Full
2.7
-
5.5
V
Quiescent Supply Current, IDD
HO = VINL or VINH, HD = VINL, INS = VINL or VINH,
MIX = VINL or VINH, RL = NoneInputs AC coupled
to ground (0.13µF)
25
-
4.6
12
mA
Full
-
5.5
-
mA
Shutdown Supply Current, ISD
SD = VINH, HO = VINL or VINH, HD = VINL,
INS = VINL or VINH, MIX = VINL or VINH, RL = 8
BTLand RL = 32SEInputs AC coupled to
ground (0.1µF)
25
-
28
50
µA
Full
-
31
-
µA
Input Resistance, RIN
INS = 0V or VDD
25
-
100
-
k
Thermal Shutdown, TSD
INS = MIX = 0V or VDD
25
-
150
-
°C
Thermal Shutdown Hysteresis
25
-
10
-
°C
SD to Full Operation, tSD(ON)
INS = 0V or 5V, MIX = 0V or 5V
Full
-
1
-
ms
BTL AMPLIFIER DRIVER, HD = VINH, HO = VINH, UNLESS OTHERWISE SPECIFIED
Output Offset Voltage, VOS
Measured between SPK+ and SPK-, Inputs AC
coupled to ground (0.1µF)
25
-
38
-
mV
Full
-
49
-
mV
Power Supply Rejection Ratio,
PSRR
VRIPPLE = 200mVP-P, HD =
VINL, RL = 8nputs AC
coupled to ground (0.1µF)
FRIPPLE = 217Hz
25
-
49
-
dB
FRIPPLE = 1kHz
25
-
47
-
dB
Output Power, POUT
RL = 8, THD+N = 1%, f = 1kHz
25
-
941
-
mW
RL = 8, THD+N = 10%, f = 1kHz
25
-
1.23
-
W
Total Harmonic Distortion + Noise,
THD + N
RL = 8POUT = 800mW, f = 1kHz
25
-
0.4
-
%
RL = 8POUT = 800mW, f = 20Hz to 20kHz
25
-
0.7
-
%
Max Output Voltage Swing, VOUT
RL = 8VSIGNAL = 5VP-P, f = 1kHz
25
7.2
7.7
-
VP-P
Signal to Noise Ratio, SNR
RL = 8POUT = 900mW, f = 1kHz
25
-
85
-
dB
Output Noise, NOUT
A - Weight filter, BW = 22Hz to 22kHz
25
-
140
-
µVRMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com