Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ISL54003 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL54003
Description  Integrated Audio Amplifier Systems
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL54003 Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL54003 Datasheet HTML 1Page - Renesas Technology Corp ISL54003 Datasheet HTML 2Page - Renesas Technology Corp ISL54003 Datasheet HTML 3Page - Renesas Technology Corp ISL54003 Datasheet HTML 4Page - Renesas Technology Corp ISL54003 Datasheet HTML 5Page - Renesas Technology Corp ISL54003 Datasheet HTML 6Page - Renesas Technology Corp ISL54003 Datasheet HTML 7Page - Renesas Technology Corp ISL54003 Datasheet HTML 8Page - Renesas Technology Corp ISL54003 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
FN6514 Rev 2.00
Page 1 of 16
October 30, 2007
FN6514
Rev 2.00
October 30, 2007
ISL54003, ISL54005, ISL54006
Integrated Audio Amplifier Systems
DATASHEET
The Intersil ISL54003, ISL54005, ISL54006 family of devices
are integrated audio power amplifier systems that combine a
mono BTL amplifier and stereo headphone amplifiers in a
single device. The devices are designed to operate from a
single +2.7V to +5V power supply. Targeted applications
include handheld equipment such as cell-phones, MP3
players, and games/toys.
These parts contain one class AB BTL type power amplifier
for driving an 8
 mono speaker and two class AB headphone
amplifiers for driving 16
 or 32 headphone speakers.
The BTL when using a 5V supply is capable of delivering
800mW (typ) with 0.4% THD+N and 941mW (typ) with 1%
THD+N of continuous average power into an 8
BTL speaker
load.
Each headphone amplifier when using a 5V supply is capable
of delivering 50mW (typ) with 0.3% THD+N and 94mW (typ)
with 1% THD+N of continuous average power into a 32

headphone speaker.
When in Mono Mode these devices automatically mix the
active left and right audio inputs and send the combined signal
to the BTL driver. In Headphone Mode the active right channel
input is sent to the right headphone speaker and the active left
channel is sent to the left headphone speaker.
The ISL54005 and ISL54006 feature a 2:1 stereo input
multiplexer front-end. This allows selection between two
stereo sources. In addition the ISL54006 can mix the four
inputs to the BTL driver or the two pairs of inputs to the
headphone drivers.
These parts feature headphone sense circuitry that detects
when a headphone jack has been inserted and automatically
switches the active audio inputs from the mono BTL output
driver to the headphone drivers. These parts also feature a
logic control pin that can override the headphone sense
input circuitry.
All devices in this family feature low power shutdown,
thermal overload protection and click/pop suppression. The
click and pop circuitry eliminates audible transients during
audio source changes and transitioning in and out of
shutdown.
Features
• Pb-Free (RoHS Compliant)
• Class AB 94mW Headphone Amplifiers and 941mW Mono
BTL Speaker Amplifier
• THD+N at 1kHz, 800mW into 8
 BTL. . . . . . . . . . . . . . 0.4%
• THD+N at 1kHz, 15mW into 32
 Headphone . . . . . . 0.07%
• THD+N at 1kHz, 50mW into 32
 Headphone . . . . . . . 0.3%
• Single Supply Operation. . . . . . . . . . . . . . . . . +2.7V to +5.5V
• Headphone Sense Input and Low Power Shutdown
• Thermal Shutdown Protection
• “Click and Pop” Suppression Circuitry
• 2:1 Stereo Input Mux (ISL54005, ISL54006)
• Mixing of Two Stereo Inputs (ISL54006)
• TTL Logic-Compatible
• Available in 20 Ld 4x4 Thin QFN
Applications
• Battery powered, Handheld, and Portable Equipment
- Cellular/mobile Phones
- PDA’s, MP3 Players, DVD Players, Cameras
- Laptops, Notebooks, Palmtops
- Handheld Games and Toys
• Desktop Computers
Simplified Block Diagram
ROUTER/
ISL54006
CLICK
POP
LOGIC
BIAS
THERMAL
SHUTDOWN
AND
R1
L1
VDD
R2
L2
SD
INS
MIX
HO
CONTROL
MIXER
Data Sheet
October 30, 2007
NOT RECOM
MENDED FO
R NEW DES
IGNS
NO RECOMM
ENDED REP
LACEMENT
contact our
Technical Su
pport Cente
r at
1-888-INTER
SIL or www.
intersil.com
/tsc


Similar Part No. - ISL54003

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54003 INTERSIL-ISL54003 Datasheet
312Kb / 15P
Integrated Audio Amplifier Systems
October 30, 2007
More results

Similar Description - ISL54003

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4851 NSC-LM4851 Datasheet
1Mb / 22P
Integrated Audio Amplifier System
LM4855 NSC-LM4855 Datasheet
1Mb / 24P
Boomer AUDIO POWER AMPLIFIER Integrated Audio Amplifier System
LM4852 NSC-LM4852 Datasheet
860Kb / 21P
Integrated Audio Amplifier System
LM4856 NSC-LM4856 Datasheet
1Mb / 23P
Integrated Audio Amplifier System
logo
Intersil Corporation
ISL54000 INTERSIL-ISL54000 Datasheet
260Kb / 11P
Integrated Audio Amplifier Systems
October 17, 2007
ISL54003 INTERSIL-ISL54003 Datasheet
312Kb / 15P
Integrated Audio Amplifier Systems
October 30, 2007
ISL54004 INTERSIL-ISL54004 Datasheet
262Kb / 13P
Integrated Audio Amplifier Systems
October 30, 2007
logo
Texas Instruments
LM4855 TI1-LM4855 Datasheet
2Mb / 27P
Integrated Audio Amplifier System
logo
Renesas Technology Corp
ISL54000 RENESAS-ISL54000 Datasheet
546Kb / 11P
Integrated Audio Amplifier Systems
ISL54004 RENESAS-ISL54004 Datasheet
608Kb / 13P
Integrated Audio Amplifier Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com