Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB-001CEVALZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # KMB-001CEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001CEVALZ Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button KMB-001CEVALZ Datasheet HTML 2Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 3Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 4Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 5Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 6Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 7Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 8Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 9Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 6 of 34
June 27, 2012
Ordering Information
PART NUMBER
(Notes 1,2)
PART
MARKING
TEMP. RANGE
(°C)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISLA214P12IRZ
ISLA214P12 IRZ
-40°C to +85°C
72 Ld QFN
L72.10x10E
ISLA214IR72EV1Z
Evaluation Board - Supports 125/130/200/250Msps Grades
KMB-001LEVALZ
LVDS Motherboard (Interfaces with ISLA214IR72EV1Z operating in LVDS Output Mode)
KMB-001CEVALZ
CMOS Motherboard (Interfaces with ISLA214IR72EV1Z operating in CMOS Output Mode)
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and NiPdAu plate-e4
termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations. Intersil Pb-free products are MSL
classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
2. For Moisture Sensitivity Level (MSL), please see device information page for ISLA214P12. For more information on MSL please see techbrief TB363.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com