Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMB-001CEVALZ Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # KMB-001CEVALZ
Description  High Performance 14-Bit, 125MSPS ADC
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

KMB-001CEVALZ Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button KMB-001CEVALZ Datasheet HTML 18Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 19Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 20Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 21Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 22Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 23Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 24Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 25Page - Renesas Technology Corp KMB-001CEVALZ Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
ISLA214P12
FN7982 Rev 2.00
Page 22 of 34
June 27, 2012
The power-down mode can also be controlled through the SPI
port, which overrides the NAPSLP pin setting. Details on this are
contained in “Serial Peripheral Interface” on page 25.
Data Format
Output data can be presented in three formats: two’s
complement (default), Gray code and offset binary. The data
format can be controlled through the SPI port, by writing to
address 0x73. Details on this are contained in “Serial Peripheral
Interface” on page 25.
Offset binary coding maps the most negative input voltage to
code 0x000 (all zeros) and the most positive input to 0xFFF (all
ones). Two’s complement coding simply complements the MSB
of the offset binary representation.
When calculating Gray code the MSB is unchanged. The
remaining bits are computed as the XOR of the current bit
position and the next most significant bit. Figure 33 shows this
operation.
Converting back to offset binary from Gray code must be done
recursively, using the result of each bit for the next lower bit as
shown in Figure 34.
Mapping of the input voltage to the various data formats is
shown in Table 3.
Clock Divider Synchronous Reset
An output clock (CLKOUTP, CLKOUTN) is provided to facilitate
latching of the sampled data. The output clock frequency is
equal to the input clock frequency divided by the internal clock
divider setting. (See clock input description).
For clock divide settings > ‘1’, the absolute phase of the output
clocks for multiple A/Ds is indeterminate - there will be a phase
ambiguity between the output clocks of ADCs in a multiple ADC
system. The CLKDIVRST feature allows the phase of multiple
A/Ds to be synchronized (see Figure35) when the internal clock
divider is used, greatly simplifying data capture in systems
employing multiple A/Ds. For clock divide setting=’1’, there is no
phase ambiguity between clock outputs in a multiple ADC
system and CLKDIVRST can be left as a DNC (do not connect)
The CLKDIVRST signal must be well-timed with respect to the
sample clock (See “Switching Specifications” on page 13). Figure
35 shows assertion of CLKDIVRSTP by a positive edge
(CLKDIVRSTN must be driven but is not shown); CLKDIVRSTP can
remain high indefinitely after a synchronization event.
CLKDIVRSTP can also be a pulse if needed, with CLKDIVRSTP
returning to a logic ‘0’ after assertion; in this case the CLKDIVRST
pulse width should be a minimum of 3 input sample clock
periods. In applications where multiple CLKDIVRST pulse events
are required a user should wait a minimum of 30 clock cycles
before starting a second CLKDIVRST pulse event.
It will take a maximum of 30 input clock cycles to attain
synchronization (tRSTRT) in applications where the input clock is
not interrupted; if the input clock is interrupted CLKOUT will be
static or indeterminate until synchronization is attained.
In some applications, interrupting the input sample clock briefly
(~ 150 cycles max) can simplify the timing requirements for
synchronization using CLKDIVRST), in this case the total
CLKDIVRST recovery time will increase by the number of input
clock cycles the sample clock is held static. Valid data is
available (after recovery) in all cases after the normal pipeline
latency. Assertion of CLKDIVRST resets
Intersil Application Note 1604 describes the synchronization of
multiple ISLA1xxP50s. This document discusses the topic of
synchronization in more detail and can be used to better
understand the ISLA2XXPxx ADCs’ operation.
FIGURE 33. BINARY TO GRAY CODE CONVERSION
12
13
11
0
1
BINARY
12
13
11
0
GRAY CODE
• • • •
• • • •
• • • •
1
FIGURE 34. GRAY CODE TO BINARY CONVERSION
12
13
11
0
1
BINARY
12
13
11
0
GRAY CODE
• • • •
• • • •
• • • •
1
• • • •
TABLE 3. INPUT VOLTAGE TO OUTPUT CODE MAPPING
INPUT
VOLTAGE
OFFSET BINARY
TWO’S
COMPLEMENT
GRAY CODE
–Full Scale 00 0000 0000 0000 10 0000 0000 0000 00 0000 0000 0000
–Full Scale
+ 1LSB
00 0000 0000 0001 10 0000 0000 0001 00 0000 0000 0001
Mid–Scale 10 0000 0000 0000 00 0000 0000 0000 11 0000 0000 0000
+Full Scale
– 1LSB
11 1111 1111 1110 01 1111 1111 1110 10 0000 0000 0001
+Full Scale 11 1111 1111 1111 01 1111 1111 1111 10 0000 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com