Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9C303PIZ Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # X9C303PIZ
Description  Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C303PIZ Datasheet(HTML) 3 Page - Renesas Technology Corp

  X9C303PIZ Datasheet HTML 1Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 2Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 3Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
X9C303
FN8223 Rev 2.00
Page 3 of 10
January 30, 2009
Potentiometer Relationships
Principles of Operation
There are three sections of the X9C303: the input control,
counter and decode section; the nonvolatile memory; and the
resistor array. The input control section operates just like an
up/down counter. The output of this counter is decoded to turn
on a single electronic switch connecting a point on the resistor
array to the wiper output. Under the proper conditions, the
contents of the counter can be stored in nonvolatile memory and
retained for future use. The resistor array is comprised of 99
individual resistors connected in series. At either end of the
array and between each resistor is an electronic switch that
transfers the potential at that point to the wiper.
The wiper, when at either fixed terminal, acts like its
mechanical equivalent and does not move beyond the last
position. That is, the counter does not wrap around when
clocked to either extreme.
The electronic switches on the device operate in a “make
before break” mode when the wiper changes tap positions. If
the wiper is moved several positions, multiple taps are
connected to the wiper for tIW (INC to VW change). The RTOTAL
value for the device can temporarily be reduced by a significant
amount if the wiper is moved several positions.
When the device is powered-down, the last counter position
stored will be maintained in the nonvolatile memory. When
power is restored, the contents of the memory are recalled and
the counter is reset to the value last stored.
Instructions and Programming
The INC, U/D and CS inputs control the movement of the wiper
along the resistor array. With CS set LOW, the device is selected
and enabled to respond to the U/D and INC inputs. HIGH to
LOW transitions on INC will increment or decrement (depending
on the state of the U/D input) a seven-bit counter. The output of
this counter is decoded to select one of one-hundred wiper
positions along the resistive array.
The value of the counter is stored in nonvolatile memory
whenever CS transitions HIGH while the INC input is also
HIGH.
The system may select the X9C303, move the wiper, and
deselect the device without having to store the latest wiper
position in nonvolatile memory. The wiper movement is
performed as previously described ; once the new position is
reached, the system would the keep INC LOW while taking CS
HIGH. The new wiper position would be maintained until
changed by the system or until a power-down/up cycle recalled
the previously stored data.
This would allow the system to always power-up to a preset
value stored in nonvolatile memory; then during system
operation minor adjustments could be made. The adjustments
might be based on user preference: system parameter
changes due to temperature drift, etc.
The state of U/D may be changed while CS remains LOW. This
allows the host system to enable the device and then move the
wiper up and down until the proper trim is attained.
Pin Names
SYMBOL
DESCRIPTION
VH
High Terminal (Potentiometer)
VW
Wiper Terminal (Potentiometer)
VL
Low Terminal (Potentiometer)
VSS
Ground
VCC
Supply Voltage
U/D
Up/Down Control Input
INC
Increment Control Input
CS
Chip Select Control Input
NC
No Connection
VL
VH
(VS)
R99
R98
R2
R1
S100
S99
S98
S3
S2
S1
VW
Gi 20Log
R1 R2 . . . Ri
++
+
RTOTAL
-------------------------------------------------
VW
VS
--------- VL 0V
=

==
R1 R2 . . . R99
++
+
RTOTAL
=
(REFER TEST CIRCUIT 1)
Mode Selection
CS
INC
U/D
MODE
L
H
Wiper Up
L
L
Wiper Down
H
X
Store Wiper Position
H
X
X
Standby Current
L
X
No Store, Return to Standby
L
H
Wiper Up (not recommended)
L
L
Wiper Down (not recommended)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com