Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9C303PIZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # X9C303PIZ
Description  Logarithmic Digitally Controlled Potentiometer (XDCP?? Terminal Voltage 짹5V, 100 Taps, Log Taper
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9C303PIZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button X9C303PIZ Datasheet HTML 2Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 3Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 4Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 5Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 6Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 7Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 8Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 9Page - Renesas Technology Corp X9C303PIZ Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
X9C303
FN8223 Rev 2.00
Page 7 of 10
January 30, 2009
AC Timing Diagram
NOTES:
4. Typical values are for TA = +25°C and nominal supply voltage.
5. This parameter is not 100% tested.
6. MI in the “AC Timing Diagram” refers to the minimum incremental change in the VW output due to a change in the wiper position.
tR, tF (Note 5) INC Input Rise and Fall Time
500
ns
tPU (Note 5)
Power-up to Wiper Stable
500
µs
tR VCC (Note 5) VCC Power-up Rate
0.2
50
mV/µs
AC Electrical Specifications
Over recommended operating conditions, unless otherwise specified. Parameters with MIN and/or MAX
limits are 100% tested at +25°C, unless otherwise specified. Temperature limits established by
characterization and are not production tested. (Continued)
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
TYP
(Note 4)
MAX
CS
INC
U/D
VW
tCI
tIL
tIH
tCYC
tID
tDI
tIW
MI
tIC
tCPH
tF
tR
10%
90%
90%
(NOTE 6)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com