Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X5001PI-2.7 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # X5001PI-2.7
Description  CPU Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5001PI-2.7 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button X5001PI-2.7 Datasheet HTML 3Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 4Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 5Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 6Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 7Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 8Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 9Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 10Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
X5001
FN8125 Rev 1.00
Page 7 of 20
May 30, 2006
Figure 4. VTRIP Programming Sequence
SPI INTERFACE
The device is designed to interface directly with the syn-
chronous Serial Peripheral Interface (SPI) of many pop-
ular microcontroller families.
The device monitors the CS/WDI line and asserts
RESET output if there is no activity within user select-
able timeout period. The device also monitors the VCC
supply and asserts the RESET if VCC falls below a
preset minimum (VTRIP). The device contains an 8-bit
watchdog timer register to control the watchdog time out
period. The current settings are accessed via the SI and
SO pins.
All instructions (Table 1) and data are transferred MSB
first. Data input on the SI line is latched on the first rising
edge of SCK after CS goes LOW. Data is output on the
SO line by the falling edge of SCK. SCK is static, allow-
ing the user to stop the clock and then start it again to
resume operations where left off.
VTRIP Programming
Apply 5V to VCC
Decrement VCC
RESET pin
goes active?
Measured VTRIP -
Desired VTRIP
DONE
Execute
Sequence
Reset VTRIP
Set VCC = VCC Applied =
Desired VTRIP
Execute
Sequence
Set VTRIP
New VCC Applied =
Old VCC Applied + Error
(VCC = VCC - 50mV)
Execute
Sequence
Reset VTRIP
New VCC Applied =
Old VCC Applied - Error
Error < 0
Error = 0
YES
NO
Error > 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com