Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X5001PI-2.7 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # X5001PI-2.7
Description  CPU Supervisor
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X5001PI-2.7 Datasheet(HTML) 1 Page - Renesas Technology Corp

  X5001PI-2.7 Datasheet HTML 1Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 2Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 3Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 4Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 5Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 6Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 7Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 8Page - Renesas Technology Corp X5001PI-2.7 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
FN8125 Rev 1.00
Page 1 of 20
May 30, 2006
FN8125
Rev 1.00
May 30, 2006
X5001
CPU Supervisor
DATASHEET
FEATURES
• 200ms power-on reset delay
•Low VCC detection and reset assertion
—Five standard reset threshold voltages
—Adjust low VCC reset threshold voltage using
special programming sequence
—Reset signal valid to VCC = 1V
• Selectable nonvolatile watchdog timer
—0.2, 0.6, 1.4 seconds
—Off selection
—Select settings through software
• Long battery life with low power consumption
—<50µA max standby current, watchdog on
—<1µA max standby current, watchdog off
• 2.7V to 5.5V operation
• SPI mode 0 interface
• Built-in inadvertent write protection
—Power-up/power-down protection circuitry
—Watchdog change latch
• High reliability
• Available packages
—8 Ld TSSOP
—8 Ld SOIC
—8 Ld PDIP
• Pb-free plus anneal available (RoHS compliant)
DESCRIPTION
This device combines three popular functions, Power-
on Reset, Watchdog Timer, and Supply Voltage
Supervision in one package. This combination lowers
system cost, reduces board space requirements, and
increases reliability.
The watchdog timer provides an independent protec-
tion mechanism for microcontrollers. During a system
failure, the device will respond with a RESET signal
after a selectable time out interval. The user selects the
interval from three preset values. Once selected, the
interval does not change, even after cycling the power.
The user’s system is protected from low voltage condi-
tions by the device’s low VCC detection circuitry. When
VCC falls below the minimum VCC trip point, the system
is reset. RESET is asserted until VCC returns to proper
operating levels and stabilizes. Five industry standard
VTRIP thresholds are available, however, Intersil’s
unique circuits allow the threshold to be reprogrammed
to meet custom requirements or to fine-tune the thresh-
old for applications requiring higher precision.
The device utilizes Intersil’s proprietary Direct Write™
cell for the watchdog timer control bits and the VTRIP
storage element, providing a minimum endurance of
100,000 write cycles and a minimum data retention of
100 years.
BLOCK DIAGRAM
Watchdog
Timer
Data
Register
Command
Decode &
Control
Logic
SI
SO
SCK
CS/WDI
VCC
Watchdog
Transition
Detector
Reset &
Watchdog
Timebase
Power-on/
Generation
VTRIP
+
-
RESET
REset
Low Voltage
NOT REC
OMMEND
ED FOR N
EW DESI
GNS
NO RECO
MMENDE
D REPLA
CEMENT
contact o
ur Techni
cal Suppo
rt Center
at
1-888-INT
ERSIL or
www.inte
rsil.com/t
sc


Similar Part No. - X5001PI-2.7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
X5001PI-2.7 INTERSIL-X5001PI-2.7 Datasheet
305Kb / 20P
CPU Supervisor
May 30, 2006
X5001PI-2.7A INTERSIL-X5001PI-2.7A Datasheet
305Kb / 20P
CPU Supervisor
May 30, 2006
More results

Similar Description - X5001PI-2.7

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ4847 TI-BQ4847 Datasheet
224Kb / 5P
RTC Module With CPU Supervisor
logo
Xicor Inc.
X4003 XICOR-X4003 Datasheet
378Kb / 18P
CPU Supervisor
X5001 XICOR-X5001 Datasheet
100Kb / 19P
CPU Supervisor
logo
Intersil Corporation
X4003 INTERSIL-X4003 Datasheet
266Kb / 17P
CPU Supervisor
March 15, 2005
X5001 INTERSIL-X5001 Datasheet
275Kb / 18P
CPU Supervisor
April 6, 2005
X4003 INTERSIL-X4003_06 Datasheet
276Kb / 18P
CPU Supervisor
May 11, 2006
X5001 INTERSIL-X5001_06 Datasheet
305Kb / 20P
CPU Supervisor
May 30, 2006
X4005S8IZ-27 INTERSIL-X4005S8IZ-27 Datasheet
332Kb / 16P
CPU Supervisor
June 30, 2008
X4003-05 INTERSIL-X4003-05 Datasheet
332Kb / 16P
CPU Supervisor
June 30, 2008
logo
Renesas Technology Corp
X4003 RENESAS-X4003 Datasheet
692Kb / 16P
CPU Supervisor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com