Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2779AF-08ST Datasheet(PDF) 1 Page - Alliance Semiconductor Corporation

Part # P2779AF-08ST
Description  Low-Cost Notebook EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2779AF-08ST Datasheet(HTML) 1 Page - Alliance Semiconductor Corporation

  P2779AF-08ST Datasheet HTML 1Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 2Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 3Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 4Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 5Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 6Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 7Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
June 2005
P2779A
rev 0.1
Alliance Semiconductor
2575, Augustine Drive
• Santa Clara, CA • Tel: 408.855.4900 • Fax: 408.855.4999 • www.alsc.com
Notice: The information in this document is subject to change without notice.
Low-Cost Notebook EMI Reduction IC
Features
Provides up to 15dB of EMI suppression
FCC approved method of EMI attenuation
Generates a 1X low EMI spread spectrum clock of
the input frequency
Operates between 20MHz and 38MHz input
frequency range
External loop filter for spread percentage adjustment
Spreading ranges from ±0.25% to ±2.5%
Ultra low cycle-to-cycle jitter
Zero-Cycle slip at small deviations
3.3 V Operating Voltage
10 mA output drives
TTL or CMOS compatible outputs
Low power CMOS design
Available in 8-pin SOIC and TSSOP Packages
Available for Industrial temperature operating
range (-40º C to 85º C)
Product Description
The P2779A is a versatile spread spectrum frequency
modulator designed specifically for mobile and digital
camera and other digital video and imaging applications.
The P2779A reduces electromagnetic interference (EMI) at
the clock source, which provides system-wide reduction of
EMI of all clock dependent signals. The P2779A allows
significant system cost savings by reducing the number of
circuit board layers and shielding that are traditionally
required to pass EMI regulations.
The P2779A uses the most efficient and optimized
modulation profile approved by the FCC.
The P2779A modulates the output of a single PLL in order
to spread the bandwidth of a synthesized clock and, more
importantly, decreases the peak amplitudes of its
harmonics. This results in significantly lower system EMI
compared to the typical narrow-band signal produced by
oscillators and most frequency generators. Lowering EMI
by increasing a signal’s bandwidth is called spread
spectrum clock generation.
Applications
The P2779A is targeted toward mobile 3D graphics chip set
applications.
Block Diagram
VDD
PD
VSS
ModOUT
XIN
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
Crystal
Oscillator
XOUT
REF
LF


Similar Part No. - P2779AF-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
P2779AF-08-SR PULSECORE-P2779AF-08-SR Datasheet
360Kb / 8P
Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P2779AF-08-SR ONSEMI-P2779AF-08-SR Datasheet
127Kb / 7P
Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2779AF-08-ST PULSECORE-P2779AF-08-ST Datasheet
360Kb / 8P
Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P2779AF-08-ST ONSEMI-P2779AF-08-ST Datasheet
127Kb / 7P
Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2779AF-08-TR PULSECORE-P2779AF-08-TR Datasheet
360Kb / 8P
Low-Cost Notebook EMI Reduction IC
More results

Similar Description - P2779AF-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P18S19B ALSC-ASM3P18S19B Datasheet
197Kb / 7P
Notebook LCD Panel EMI Reduction IC
P1707A ALSC-P1707A Datasheet
209Kb / 10P
Notebook LCD Panel EMI Reduction IC
P1708C ALSC-P1708C Datasheet
482Kb / 10P
Low Power Notebook LCD Panel EMI Reduction IC
logo
PulseCore Semiconductor
ASM3P18S19B PULSECORE-ASM3P18S19B Datasheet
185Kb / 7P
Notebook LCD Panel EMI Reduction IC
P2779A PULSECORE-P2779A Datasheet
360Kb / 8P
Low-Cost Notebook EMI Reduction IC
logo
ON Semiconductor
P1708C ONSEMI-P1708C Datasheet
174Kb / 7P
Notebook LCD Panel EMI Reduction IC
FEBRUARY 2010 ??Rev. 2
P1727 ONSEMI-P1727 Datasheet
131Kb / 6P
Notebook LCD Panel EMI Reduction IC
JANUARY 2010 ??Rev. 1
P1819GF-08SR ONSEMI-P1819GF-08SR Datasheet
168Kb / 6P
Notebook LCD Panel EMI Reduction IC
NOVEMBER 2010 ??Rev. 3.1
P2779A ONSEMI-P2779A Datasheet
127Kb / 7P
Low-Cost Notebook EMI Reduction IC
August, 2011 ??Rev. P2
P1707A ONSEMI-P1707A Datasheet
113Kb / 6P
Notebook LCD Panel EMI Reduction IC
August, 2011 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com