Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2779AF-08ST Datasheet(PDF) 4 Page - Alliance Semiconductor Corporation

Part # P2779AF-08ST
Description  Low-Cost Notebook EMI Reduction IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

P2779AF-08ST Datasheet(HTML) 4 Page - Alliance Semiconductor Corporation

  P2779AF-08ST Datasheet HTML 1Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 2Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 3Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 4Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 5Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 6Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 7Page - Alliance Semiconductor Corporation P2779AF-08ST Datasheet HTML 8Page - Alliance Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
June 2005
P2779A
rev 0.1
Low-Cost Notebook EMI Reduction IC
4 of 8
Notice: The information in this document is subject to change without notice.
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD, VIN
Voltage on any pin with respect to Ground
-0.5 to +7.0
V
TSTG
Storage temperature
-65 to +125
°C
TA
Operating temperature
0 to +70
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.
DC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
60
-
µA
IIH
Input high current
-
0
-
µA
IXOL
XOUT output low current (at 0.4 V, VDD = 3.3V)
-
10
-
mA
IXOH
XOUT output high current (at 2.5 V, VDD = 3.3V)
-
10
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 20 mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 20 mA)
2.5
-
-
V
IDD
Static supply current
-
3
-
mA
ICC
Dynamic supply current
(3.3 V, 25 pF loading, 32 MHz)
-
12
-
mA
VDD
Operating voltage
3.0
3.3
3.6
V
tON
Power-up time (first locked cycle after power up)
-
7
-
mS
ZOUT
Clock output impedance
-
28
-
Ω
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
fIN
Input frequency
20
-
38
MHz
fOUT
Output frequency
20
-
38
MHz
tLH
1
Output rise time (measured at 0.8 V to 2.0 V)
-
1
-
nS
tHL
1
Output fall time (measured at 2.0 V to 0.8 V)
-
1
-
nS
tJC
Jitter (Cycle to cycle)
-
±175
-
pS
tD
Output duty cycle
45
50
55
%
Note: 1. tLH and tHL are measured into a capacitive load of 15 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com