Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9511WPIZ Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # X9511WPIZ
Description  Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9511WPIZ Datasheet(HTML) 5 Page - Renesas Technology Corp

  X9511WPIZ Datasheet HTML 1Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 2Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 3Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 4Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 5Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 6Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 7Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 8Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
X9511
FN8205 Rev 3.00
Page 5 of 9
February 2, 2007
ABSOLUTE MAXIMUM RATINGS
Temperature under bias .................... -65
C to +135C
Storage temperature.......................... -65
C to +150C
Voltage on PU, PD, and VCC
with respect to VSS ................................. -1V to +7V
Voltage on VH and VL
referenced to VSS ................................... -8V to +8V
V = |VH - VL|
X9511W ............................................................. 10V
Lead temperature (soldering 10 seconds)....... +300
C
Wiper current
 1mA
ESD Rating
Human Body Model
(Per MIL-STD-883 Method 3015.7) .................... 2.5kV
Machine Model
(Per EIAJ ED-4701 Method C-111)...................... 250V
ANALOG CHARACTERISTICS
Electrical Characteristics
End-to-end resistance tolerance
20%
Power rating at +25
C
X9511W ......................................................... 10mW
Wiper current
1mA Max.
Typical wiper resistance .......................................40
Typical noise..............................< -120dB/
Hz Ref: 1V
Resolution
Resistance ............................................................. 3%
Linearity
Absolute linearity(1)
 1.0 MI(2)
Relative linearity(3)
 0.2 MI(2)
COMMENT
Stresses above those listed under “Absolute Maximum
Ratings” may cause permanent damage to the device.
This is a stress rating only; functional operation of the
device (at these or any other conditions above those
listed in the operational sections of this specification) is
not implied. Exposure to absolute maximum rating condi-
tions for extended periods may affect device reliability.
Temperature Coefficient
-40
C to +85C
X9511W...................................... +300 ppm/
C Typical
Ratiometric temperature coefficient
 20 ppm
Wiper Adjustability
Unlimited wiper adjustment ....... (Non-Store operation)
Wiper position store operations...................... 100,000
data changes
Physical Characteristics
Marking Includes
Manufacturer’s Trademark
Resistance Value or Code
Date Code
Notes: (1) Absolute linearity is utilized to determine actual wiper voltage versus expected voltage = [VW(n) - (n*MI + VW(0))]/MI = ±1 MI
Maximum.
(2) 1 Ml = Minimum Increment = RTOT/31 for resistor mode or 1MI = [VW(31) - VW(0)]/31 for voltage divider mode.
(3) Relative linearity is a measure of the error in step size between taps = (VW(n+1) - VW(n) ] )/MI - 1= 0.2 MI
SYMBOL TABLE
WAVEFORM
INPUTS
OUTPUTS
Must be
steady
Will be
steady
May change
from Low to
High
Will change
from Low to
High
May change
from High to
Low
Will change
from High to
Low
Don’t Care:
Changes
Allowed
Changing:
State Not
Known
N/A
Center Line
is High
Impedance



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com