Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

X9511WPIZ Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # X9511WPIZ
Description  Single Push Button Controlled Potentiometer (XDCP?? Linear, 32 Taps, Push Button Controlled, Terminal Voltage 짹5V
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

X9511WPIZ Datasheet(HTML) 6 Page - Renesas Technology Corp

  X9511WPIZ Datasheet HTML 1Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 2Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 3Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 4Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 5Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 6Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 7Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 8Page - Renesas Technology Corp X9511WPIZ Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
X9511
FN8205 Rev 3.00
Page 6 of 9
February 2, 2007
D.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
A.C. OPERATING CHARACTERISTICS (Over recommended operating conditions unless otherwise specified.)
POWER-UP AND POWER-DOWN REQUIREMENTS
The are no restrictions on the sequencing of VCC and the voltage applied to the potentiometer pins during power-up
or power-down conditions. During power-up, the data sheet parameters for the DCP do not fully apply until 1ms after
VCC reaches its final value. The VCC ramp rate spec is always in effect.
Symbol
Parameter
Limits
Unit
Test Conditions
Min. Typ.(4)
Max.
ICC
VCC active current
1
3
mA
PU or PD held at VIL the other at VIH
ISB
Standby supply current
100
500
µA
PU = PD = VIH
ILI
PU, PD, ASE input leakage current
10
µA
VIN = VSS to VCC
VIH
PU, PD, ASE input HIGH voltage
2
V
VlL
PU, PD, ASE input LOW voltage
0.8
V
RW
Wiper resistance
40
100
W
Wiper Current VCC/RTOT
VVH
VH terminal voltage
-5
+5
V
VVL
VL terminal voltage
-5
+5
V
CIN(5)
ASE, PU, PD input capacitance
10
pF
VCC = 5V, VIN = 0V, TA = +25°C,
f = 1MHz
Symbol
Parameter
Limits
Unit
Min.
Typ.(4)
Max.
tGAP
Time between two separate push button events
50
µs
tDB
Debounce time
30
40
ms
tS SLOW
After debounce to wiper change on a slow mode
100
250
375
ms
tS FAST
Wiper change on a fast mode
25
50
90
ms
tPU
Power-up to wiper stable
500
µs
tR VCC
VCC power-up rate
0.2
50
V/
ms
tASTO(5)
AUTOSTORE cycle time
2
ms
VASTH(5)
AUTOSTORE threshold voltage
4
V
VASEND(5)
AUTOSTORE cycle end voltage
3.5
V
RECOMMENDED OPERATING CONDITIONS
Temp
Min.
Max.
Commercial
0×C
+70°C
Industrial
-40×C
+85°C
Supply Voltage
Limits
X9511
5V ± 10%



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com