Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F62X-04E/SS Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F62X-04E/SS
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62X-04E/SS Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F62X-04E/SS Datasheet HTML 1Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 2Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 3Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 4Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 5Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 6Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 7Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 8Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 1
PIC16F62X
Devices Included in this Data Sheet:
• PIC16F627
• PIC16F628
Referred to collectively as PIC16F62X
High Performance RISC CPU:
• Only 35 instructions to learn
• All single cycle instructions (200 ns), except for
program branches which are two-cycle
• Operating speed:
- DC - 20 MHz clock input
- DC - 200 ns instruction cycle
• Interrupt capability
• 16 special function hardware registers
• 8-level deep hardware stack
• Direct, Indirect and Relative addressing modes
Peripheral Features:
• 16 I/O pins with individual direction control
• High current sink/source for direct LED drive
• Analog comparator module with:
- Two analog comparators
- Programmable on-chip voltage reference
(V
REF) module
- Programmable input multiplexing from device
inputs and internal voltage reference
- Comparator outputs are externally accessible
• Timer0: 8-bit timer/counter with 8-bit
programmable prescaler
• Timer1: 16-bit timer/counter with external crystal/
clock capability
• Timer2: 8-bit timer/counter with 8-bit period
register, prescaler and postscaler
• Capture, Compare, PWM (CCP) module
- Capture is 16-bit, max. resolution is 12.5 ns
- Compare is 16-bit, max. resolution is 200 ns
- PWM max. resolution is 10-bit
• Universal Synchronous/Asynchronous Receiver/
Transmitter USART/SCI
• 16 Bytes of common RAM
Special Microcontroller Features:
• Power-on Reset (POR)
• Power-up Timer (PWRT) and Oscillator Start-up
Timer (OST)
• Brown-out Detect (BOD)
• Watchdog Timer (WDT) with its own on-chip RC
oscillator for reliable operation
• Multiplexed MCLR-pin
• Programmable weak pull-ups on PORTB
• Programmable code protection
•
Low voltage programming
• Power saving SLEEP mode
• Selectable oscillator options
- FLASH configuration bits for oscillator
options
- ER (External Resistor) oscillator
• Reduced part count
- Dual speed INTRC
• Lower current consumption
- EC External Clock input
- XT Oscillator mode
- HS Oscillator mode
- LP Oscillator mode
• In-circuit Serial Programming™ (via two pins)
• Four user programmable ID locations
CMOS Technology:
• Low power, high speed CMOS FLASH technology
• Fully static design
• Wide operating voltage range
- PIC16F627 - 3.0V to 5.5V
- PIC16F628 - 3.0V to 5.5V
- PIC16LF627 - 2.0V to 5.5V
- PIC16LF628 - 2.0V to 5.5V
• Commercial, industrial and extended temperature
range
• Low power consumption
- < 2.0 mA @ 5.0V, 4.0 MHz
-15
µA typical @ 3.0V, 32 kHz
-< 1.0
µA typical standby current @ 3.0V
Device
Memory
FLASH
Program
RAM
Data
EEPROM
Data
PIC16F627
1024 x 14
224 x 8
128 x 8
PIC16F628
2048 x 14
224 x 8
128 x 8
FLASH-Based 8-Bit CMOS Microcontrollers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com