Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F62X-04E/SS Datasheet(PDF) 97 Page - Microchip Technology

Part # PIC16F62X-04E/SS
Description  FLASH-Based 8-Bit CMOS Microcontroller
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F62X-04E/SS Datasheet(HTML) 97 Page - Microchip Technology

Back Button PIC16F62X-04E/SS Datasheet HTML 93Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 94Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 95Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 96Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 97Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 98Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 99Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 100Page - Microchip Technology PIC16F62X-04E/SS Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 170 page
background image
 2003 Microchip Technology Inc.
Preliminary
DS40300C-page 95
PIC16F62X
14.2.6
INTERNAL 4 MHZ OSCILLATOR
The internal RC oscillator provides a fixed 4 MHz
(nominal) system clock at V
DD = 5V and 25
°C, see
“Electrical Specifications” section for information on
variation over voltage and temperature.
14.2.7
CLKOUT
The PIC16F62X can be configured to provide a clock
out signal by programming the configuration word. The
oscillator frequency, divided by 4 can be used for test
purposes or to synchronize other logic.
14.3
Special Feature: Dual Speed
Oscillator Modes
A software programmable Dual Speed Oscillator mode
is provided when the PIC16F62X is configured in either
ER or INTRC Oscillator modes. This feature allows
users to dynamically toggle the oscillator speed
between 4 MHz and 37 kHz. In ER mode, the 4 MHz
setting will vary depending on the value of the external
resistor. Also in ER mode, the 37 kHz operation is fixed
and does not vary with resistor value. Applications that
require low current power savings, but cannot tolerate
putting the part into SLEEP, may use this mode.
The OSCF bit in the PCON register is used to control
Dual Speed mode. See Section 3.2.2.6, Register 3-4.
14.4
RESET
The PIC16F62X differentiates between various kinds of
RESET:
a)
Power-on Reset (POR)
b)
MCLR Reset during normal operation
c)
MCLR Reset during SLEEP
d)
WDT Reset (normal operation)
e)
WDT Wake-up (SLEEP)
f)
Brown-out Detect (BOD)
Some registers are not affected in any RESET condi-
tion; their status is unknown on POR and unchanged in
any other RESET. Most other registers are reset to a
“RESET state” on Power-on Reset, MCLR Reset, WDT
Reset and MCLR Reset during SLEEP. They are not
affected by a WDT Wake-up, since this is viewed as the
resumption of normal operation. TO and PD bits are set
or cleared differently in different RESET situations as
indicated in Table 14-5. These bits are used in software
to determine the nature of the RESET. See Table 14-8
for a full description of RESET states of all registers.
A simplified block diagram of the on-chip RESET circuit
is shown in Figure 14-6.
The MCLR Reset path has a noise filter to detect and
ignore small pulses. See Table 17-6 for pulse width
specification.
FIGURE 14-6:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External
RESET
MCLR/
V
DD
OSC1/
WDT
Module
V
DD rise
detect
OST/PWRT
WDT
Timeout
Power-on Reset
OST
PWRT
Chip_Reset
10-bit Ripple-counter
Reset
Enable OST
Enable PWRT
SLEEP
See Table 14-4 for timeout situations.
Note
1:
This is a separate oscillator from the INTRC/ER oscillator.
Brown-out
Detect Reset
BODEN
CLKIN
Pin
V
PP Pin
10-bit Ripple-counter
Q
Schmitt Trigger Input
On-chip(1)
OSC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com