Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL6100ALAF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # ZL6100ALAF
Description  Adaptive Digital DC/DC Controller with Drivers and Current Sharing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL6100ALAF Datasheet(HTML) 3 Page - Renesas Technology Corp

  ZL6100ALAF Datasheet HTML 1Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 2Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 3Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 4Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 5Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 6Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 7Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 8Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
ZL6100
FN6876 Rev 3.00
Page 3 of 34
August 29, 2012
Absolute Maximum Ratings (Note 5)
Thermal Information
DC Supply Voltage for VDD Pin. . . . . . . . . . . . . . . . . . . -0.3V to 17V
Logic I/O Voltage for CFG, DLY(0,1), EN, FC(0,1), ILIM(0,1),
MGN, PG, SA(0,1), SALRT, SCL, SDA, SS,
SYNC, UVLO, V(0,1) Pins . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
Analog Input Voltages for VSEN+, VSEN-, VTRK,
XTEMP Pins . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3V to 6.5V
Analog Input Voltages for ISENA, ISENB Pins . . . . . . -1.5V to 6.5V
MOSFET Drive Reference for VR Pin . . . . . . . . . . . . . -0.3V to 6.5V
Logic Reference for V25 Pin . . . . . . . . . . . . . . . . . . . . . . -0.3V to 3V
Ground Voltage Differential (VDGND-VSGND) for
DGND - SGND, PGND - SGND Pins . . . . . . . . . . . -0.3V to +0.3V
High Side Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 30V
Boost to Switch Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . -0.3 to 8V
High Side Drive Voltage . . . . . . . . . . . . . . (VSW - 0.3) to (VBST + 0.3)
Low Side Drive Voltage . . . . . . . . . . . . . .(PGND - 0.3) to (VR + 0.3)
Switch Node Continuous . . . . . . . . . . . . . . . . . . . (PGND - 0.3) to 30
Switch Node Transient (<100ns) . . . . . . . . . . . . . . (PGND - 5) to 30
DC Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VSUPPLY
Thermal Resistance (Typical, Notes 6, 7)
JA (°C/W) JC (°C/W)
36 Ld QFN . . . . . . . . . . . . . . . . . . . . . .
35
5
Operating Junction Temperature Range . . . . . . . . .-40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . .-55°C to +150°C
Pb-Free Reflow Profile. . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
Recommended Operating Conditions
Supply Voltage Range (Typical)
VDD Tied to VR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3.0V to 5.5V
VR Floating. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4.5V to 14V
Output Voltage Range VOUT (Notes 5, 8) . . . . . . . . . . ..0.54 to 5.5V
CAUTION: Do not operate at or near the maximum ratings listed for extended periods of time. Exposure to such conditions may adversely impact product reliability and
result in failures not covered by warranty.
NOTES:
5. Voltage measured with respect to SGND.
6.
JA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See Tech
Brief TB379.
7. For
JC, the “case temp” location is the center of the exposed metal pad on the package underside.
8. Includes margin limits.
Electrical Specifications
VDD = 12V, TA = -40°C to +85°C, unless otherwise specified. Typical values are at TA = +25°C. Boldface limits
apply over the operating temperature range, -40°C to +85°C.
PARAMETER
CONDITIONS
MIN
(Note 19)
TYP
MAX
(Note 19)
UNIT
INPUT AND SUPPLY CHARACTERISTICS
IDD Supply Current at fSW = 200kHz
IDD Supply Current at fSW = 1.4MHz
GH, GL no load;
MISC_CONFIG[7] = 1
–
–
16
25
30
50
mA
mA
IDDS Shutdown Current
EN = 0V
No I2C/SMBus activity
–
6.5
9
mA
VR Reference Output Voltage
VDD > 6V, IVR < 20mA
4.5
5.2
5.5
V
V25 Reference Output Voltage
VR > 3V, IV25 < 20mA
2.25
2.5
2.75
V
OUTPUT CHARACTERISTICS
Output Voltage Adjustment range (Note 9)
VIN > VOUT
0.6
–
5.0
V
Output Voltage Set-point Resolution (Note 10)
Set using resistors
–
10
–
mV
Set using I2C/SMBus
–
±0.025
–
% FS
(Note 10)
Output Voltage Accuracy (Note 11)
Includes line, load, temp
-1
–
1
%
VSEN input Bias Current
VSEN = 5.5V
–
110
200
µA
Current Sense Differential Input
Voltage (Ground Referenced)
VISENA - VISENB
-100
–
100
mV
Current Sense Differential Input Voltage
(VOUT Referenced; VOUT must be less than 4.0V)
VISENA - VISENB
- 50
–
50
mV
Current Sense Input Bias Current
Ground referenced
-100
–
100
µA
Current Sense Input Bias Current
(VOUT Referenced, VOUT < 4.0 V)
ISENA
-1
–
1
µA
ISENB
-100
–
100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com