Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL6100ALAF Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # ZL6100ALAF
Description  Adaptive Digital DC/DC Controller with Drivers and Current Sharing
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL6100ALAF Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button ZL6100ALAF Datasheet HTML 24Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 25Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 26Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 27Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 28Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 29Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 30Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 31Page - Renesas Technology Corp ZL6100ALAF Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
ZL6100
FN6876 Rev 3.00
Page 28 of 34
August 29, 2012
To determine the SA0 and SA1 resistor values given an
SMBus address (in decimal), follow the indicated steps to
calculate an index value and then use Table to select the
resistor that corresponds to the calculated index value as
shown in Steps 1 through 5:
1. Calculate SA1 Index:
SA1 Index = Address (in decimal) ÷ 25
2. Round the result down to the nearest whole number.
3. Select the value of R1 from Table using the SA1 Index
rounded value from Step 2.
4. Calculate SA0 Index:
SA0 Index = Address – (25 x SA1 Index)
5. Select the value of R0 from Table 24 using the SA0 Index
value from Step 4.
Digital-DC Bus
The Digital-DC (DDC) communications bus is used to
communicate between Zilker Labs Digital-DC devices. This
dedicated bus provides the communication channel between
devices for features such as sequencing, fault spreading, and
current sharing. The DDC pin on all Digital-DC devices in an
application should be connected together. A pull-up resistor is
required on the DDC bus in order to guarantee the rise time as
follows:
where RPU is the DDC bus pull-up resistance and CLOAD is the
bus loading. The pull-up resistor may be tied to VR or to an
external 3.3V or 5V supply as long as this voltage is present
prior to or during device power-up. As rules of thumb, each
device connected to the DDC bus presents approx 10pF of
capacitive loading, and each inch of FR4 PCB trace introduces
approx 2pF. The ideal design will use a central pull-up resistor
that is well-matched to the total load capacitance. In power
module applications, the user should consider whether to place
the pull-up resistor on the module or on the PCB of the end
application. The minimum pull-up resistance should be limited
to a value that enables any device to assert the bus to a
voltage that will ensure a logic 0 (typically 0.8V at the device
monitoring point) given the pull-up voltage (5V if tied to VR)
and the pull-down current capability of the ZL6100 (nominally
4mA).
Phase Spreading
When multiple point of load converters share a common DC
input supply, it is desirable to adjust the clock phase offset of
each device such that not all devices start to switch
simultaneously. Setting each converter to start its switching
cycle at a different point in time can dramatically reduce input
capacitance requirements and efficiency losses. Since the
peak current drawn from the input supply is effectively spread
out over a period of time, the peak current drawn at any given
moment is reduced and the power losses proportional to the
IRMS2 are reduced dramatically.
In order to enable phase spreading, all converters must be
synchronized to the same switching clock. The CFG pin is
used to set the configuration of the SYNC pin for each device
as described in section “Switching Frequency and PLL” on
page 15.
Selecting the phase offset for the device is accomplished by
selecting a device address according to Equation 40:
For example:
• A device address of 0x00 or 0x20 would configure no phase
offset
• A device address of 0x01 or 0x21 would configure 45° of
phase offset
• A device address of 0x02 or 0x22 would configure 90° of
phase offset
The phase offset of each device may also be set to any value
between 0° and 360° in 22.5° increments via the I2C/SMBus
interface. Refer to Application Note AN2033 for further details.
Output Sequencing
A group of Digital-DC devices may be configured to power up
in a predetermined sequence. This feature is especially useful
when powering advanced processors, FPGAs, and ASICs that
require one supply to reach its operating voltage prior to
another supply reaching its operating voltage in order to avoid
latch-up from occurring. Multi-device sequencing can be
achieved by configuring each device through the I2C/SMBus
interface or by using Zilker Labs patented autonomous
sequencing mode.
Autonomous sequencing mode configures sequencing by
using events transmitted between devices over the DDC bus.
This mode is not available on current sharing rails.
The sequencing order is determined using each device’s
SMBus address. Using autonomous sequencing mode
(configured using the CFG pin), the devices must be assigned
sequential SMBus addresses with no missing addresses in the
chain. This mode will also constrain each device to have a
phase offset according to its SMBus address as described in
section “Phase Spreading” on page 28”.
The sequencing group will turn on in order starting with the
device with the lowest SMBus address and will continue
through to turn on each device in the address chain until all
devices connected have been turned on. When turning off, the
device with the highest SMBus address will turn off first
followed in reverse order by the other devices in the group.
Sequencing is configured by connecting a resistor from the
CFG pin to ground as described in Table 25. The CFG pin is
also used to set the configuration of the SYNC pin as well as to
determine the sequencing method and order. Please refer to
“Switching Frequency and PLL” on page 15” for more details
on the operating parameters of the SYNC pin.
Rise time
RPU CLOAD
1
s
=
(EQ. 39)
Phase offset
device address x 45°
=
(EQ. 40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com