Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8802 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # ZL8802
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8802 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button ZL8802 Datasheet HTML 53Page - Renesas Technology Corp ZL8802 Datasheet HTML 54Page - Renesas Technology Corp ZL8802 Datasheet HTML 55Page - Renesas Technology Corp ZL8802 Datasheet HTML 56Page - Renesas Technology Corp ZL8802 Datasheet HTML 57Page - Renesas Technology Corp ZL8802 Datasheet HTML 58Page - Renesas Technology Corp ZL8802 Datasheet HTML 59Page - Renesas Technology Corp ZL8802 Datasheet HTML 60Page - Renesas Technology Corp ZL8802 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 88 page
background image
ZL8800
FN7558 Rev.6.00
Page 57 of 88
Nov 8, 2017
READ_DUTY_CYCLE (94h)
Definition: Reports the actual duty cycle of the converter during the enable state.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Linear-11
Type: Read only
Protectable: No
Default Value: N/A
Units: %
Equation: READ_DUTY_CYCLE = Y×2N
Range: 0 to100%
READ_FREQUENCY (95h)
Definition: Reports the actual switching frequency of the converter during the enable state.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Linear-11
Default Value: N/A
Units: kHz
Equation: READ_FREQUENCY = Y×2N
Range: N/A
MFR_ID (99h)
Definition: Sets a user defined identification string not to exceed 32 bytes. The sum total of characters in MFR_ID, MFR_MODEL,
MFR_REVISION, MFR_LOCATION, MFR_DATE, MFR_SERIAL, and USER_DATA_00 plus one byte per command cannot exceed 128 bytes.
This limitation includes multiple writes of this command before a STORE command. To clear multiple writes, perform a RESTORE, write
this command, then perform a STORE/RESTORE.
Paged or Global: Global
Data Length in Bytes: User defined
Data Format: ASCII. ISO/IEC 8859-1
Type: Block R/W
Protectable: Yes
Default Value: Null
Units: N/A
COMMAND
READ_DUTY_CYCLE (94h)
Format
Linear-11
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
COMMAND
READ_FREQUENCY (95h)
Format
Linear-11
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com