Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8802 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # ZL8802
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8802 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button ZL8802 Datasheet HTML 53Page - Renesas Technology Corp ZL8802 Datasheet HTML 54Page - Renesas Technology Corp ZL8802 Datasheet HTML 55Page - Renesas Technology Corp ZL8802 Datasheet HTML 56Page - Renesas Technology Corp ZL8802 Datasheet HTML 57Page - Renesas Technology Corp ZL8802 Datasheet HTML 58Page - Renesas Technology Corp ZL8802 Datasheet HTML 59Page - Renesas Technology Corp ZL8802 Datasheet HTML 60Page - Renesas Technology Corp ZL8802 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
ZL8802
FN8760 Rev.3.00
Page 57 of 91
Nov 8, 2017
READ_TEMPERATURE_2 (8Eh)
Definition: Returns the temperature reading from the external temperature device connected to XTEMP.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Linear-11
Type: Read Only
Protectable: No
Default Value: N/A
Units: °C
Equation: READ_TEMPERATURE_2 = Y×2N
Range: N/A
READ_TEMPERATURE_3 (8Fh)
Definition: Returns the temperature reading from the VMON/TMON pin when the device is configured to read temperature on the
VMON/TMON pin by setting bit 12 in the USER_GLOBAL_CONFIG command to 1. The voltage on the VMON/TMON pin is converted to °C
by the equation TEMPERTATURE 3 = (VMON voltage - 0.6V)/0.008. See MFR_VMON commands starting on page 85 (F5h, F6h, F8h,
F9H) for fault limits when reading temperature on the VMON/TMON pin. When using the Intersil ISL9922X smart power stage, a 2:1
voltage divider is needed between the TMON pin of the ISL9922X and the VMON/TMON pin of the ZL8802.
Paged or Global: Global
Data Length in Bytes: 2
Data Format: Linear-11
Type: Read Only
Protectable: No
Default Value: N/A
Units: °C
Equation: READ_TEMPERATURE_3 = Y×2N
Range: N/A
COMMAND
READ_TEMPERATURE_2 (8Eh)
Format
Linear-11
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
COMMAND
READ_TEMPERATURE_3 (8Fh)
Format
Linear-11
Bit Position
15
14
13
12
11
10
987
65
43
21
0
Access
R
R
R
R
R
R
RRR
RR
RR
RR
R
Function
Signed Exponent, N
Signed Mantissa, Y
Default Value
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com