Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8802 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # ZL8802
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8802 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button ZL8802 Datasheet HTML 7Page - Renesas Technology Corp ZL8802 Datasheet HTML 8Page - Renesas Technology Corp ZL8802 Datasheet HTML 9Page - Renesas Technology Corp ZL8802 Datasheet HTML 10Page - Renesas Technology Corp ZL8802 Datasheet HTML 11Page - Renesas Technology Corp ZL8802 Datasheet HTML 12Page - Renesas Technology Corp ZL8802 Datasheet HTML 13Page - Renesas Technology Corp ZL8802 Datasheet HTML 14Page - Renesas Technology Corp ZL8802 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 91 page
background image
ZL8802
FN8760 Rev.3.00
Page 11 of 91
Nov 8, 2017
ZL8802 Overview
Digital-DC Architecture Overview
The ZL8802 is an innovative mixed-signal power conversion and
power management IC based on Intersil’s patented Digital-DC
technology that provides an integrated, high performance
step-down converter for a wide variety of power supply
applications.
The ZL8802 DC/DC controller is a dual channel, dual phase
controller based on an architecture that does not require loop
compensation.
The ZL8802’s full digital loop achieves precise control of the
entire power conversion process with no software required
resulting in a very flexible device that is also very easy to use. The
ChargeMode control algorithm is implemented to respond to
output current changes within a single PWM switching cycle. This
achieves a smaller total output voltage variation with less output
capacitance than traditional PWM controllers. An extensive set of
power management functions are fully integrated and can be
configured using simple pin connections. The user configuration
can be saved in an internal Nonvolatile Memory (NVRAM).
Additionally, all functions can be configured and monitored
through the SMBus hardware interface using standard PMBus
commands, allowing ultimate flexibility. The ZL8802 is compliant
with the PMBus Power System Management Protocol
Specification Part I and II version 1.2.
When enabled, the ZL8802 is immediately ready to regulate
power and perform power management tasks with no
programming required. Advanced configuration options and
real-time configuration changes are available through PMBus
commands if desired and continuous monitoring of multiple
operating parameters is possible with minimal interaction from a
host controller. Integrated subregulation circuitry enables single
supply operation from any supply between 4.5V and 14V with no
bias supplies needed.
The ZL8802 can be configured by simply connecting its pins
according to the tables provided in the following sections.
Additionally, a comprehensive set of online tools and application
notes are available to help simplify the design process. An
evaluation board is also available to help the user become
familiar with the device. This board can be evaluated as a
standalone platform using pin configuration settings.
PowerNavigator™, a Windows based GUI, is also provided to
enable full configuration and monitoring capability through the
PMBus interface and the included USB cable.
Power Management Overview
The ZL8802 incorporates a wide range of configurable power
management features that are simple to implement with no
external components. Additionally, the ZL8802 includes circuit
protection features that continuously safeguard the device and
load from damage due to unexpected system faults. The ZL8802
can continuously monitor input voltage and current, output
voltage and current, internal temperature, and the temperature
of two external thermal diodes. A Power-Good output signal is
also included to enable power-on reset functionality for an
external processor.
All power management functions can be configured using either
pin configuration techniques described in this document or
through the SMBus interface using PMBus commands.
Monitoring parameters can also be preconfigured to provide
alerts for specific conditions. The “PMBus Command Summary”
on page 22 contains a listing of all the PMBus commands
supported by the ZL8802 and a detailed description of the use of
each of these commands.
Pin-Strap Pins
To simplify circuit design, the ZL8802 incorporates patented
pin-strap pins that allow the user to easily configure many
aspects of the device with no programming. Most power
management features can be configured using these pins. The
pin-strap pins will read the value of the resistor connected to
those pins when power is applied to the device and set certain
device configuration settings as specified by those resistor
values.
Device configuration settings are made when connecting a finite
value resistor (in a specified range) between the pin-strap pin and
SGND. Standard 1% resistor values are used, and only every
fourth E96 resistor value is used so the device can reliably
recognize the value of resistance connected to the pin while
eliminating the error associated with the resistor accuracy. Up to
31 unique selections are available using a single resistor.
SMBus: Almost any ZL8802 function can be configured through
the SMBus interface using standard PMBus commands.
Additionally, any value that has been configured using the
pin-strap setting method can also be reconfigured and/or verified
through SMBus. “PMBus Command Detail” on page 27 explains
the use of the PMBus commands in detail.
TABLE 2.
PIN TIED TO
VALUE
LOW (Logic LOW)
<0.8 VDC
OPEN (N/C)
No connection
HIGH (Logic HIGH)
>2.0 VDC
Resistor to SGND
Set by resistor value
MULTIMODE
PIN
PIN-STRAP
SETTINGS
RESISTOR
SETTINGS
MULTIMODE
PIN
LOGIC
HIGH
OPEN
LOGIC
LOW
V25
FIGURE 3. PIN-STRAP AND RESISTOR SETTINGS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com