Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8802ALAFT7A Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # ZL8802ALAFT7A
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8802ALAFT7A Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button ZL8802ALAFT7A Datasheet HTML 29Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 30Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 31Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 32Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 33Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 34Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 35Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 36Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 91 page
background image
ZL8802
FN8760 Rev.3.00
Page 33 of 91
Nov 8, 2017
VOUT_MARGIN_HIGH (25h)
Definition: Sets the value of the VOUT during a margin high. This VOUT_MARGIN_HIGH command loads the unit with the voltage to
which the output is to be changed when the OPERATION command is set to “Margin High”.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Linear-16 Unsigned
Type: R/W word
Protectable: Yes
Default Value: 1.05 x VSET pin-strap setting
Units: V
Equation: VOUT margin high = VOUT_MARGIN_HIGH x 2-13
Range: 0V to VOUT_MAX
VOUT_MARGIN_LOW (26h)
Definition: Sets the value of the VOUT during a margin low. This VOUT_MARGIN_LOW command loads the unit with the voltage to which
the output is to be changed when the OPERATION command is set to “Margin Low”.
Paged or Global: Paged
Data Length in Bytes: 2
Data Format: Linear-16 Unsigned
Type: R/W
Protectable: Yes
Default Value: 0.95 x VSET pin-strap setting
Units: V
Equation: VOUT margin low = VOUT_MARGIN_LOW
Range: 0V to VOUT_MAX
COMMAND
VOUT_MARGIN_HIGH (25h)
Format
Linear-16 Unsigned
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
1.05 x VSET Pin-strap Setting
COMMAND
VOUT_MARGIN_LOW (26h)
Format
Linear-16 Unsigned
Bit Position
15
14
13
12
11
10
98
76
54
321
0
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default Value
0.95 x VSET Pin-strap Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com