Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ZL8802ALAFT7A Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ZL8802ALAFT7A
Description  Dual Channel/Dual Phase PMBus ChargeMode Control DC/DC Digital Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZL8802ALAFT7A Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ZL8802ALAFT7A Datasheet HTML 9Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 10Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 11Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 12Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 13Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 14Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 15Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 16Page - Renesas Technology Corp ZL8802ALAFT7A Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 91 page
background image
ZL8802
FN8760 Rev.3.00
Page 13 of 91
Nov 8, 2017
The ZL8802 incorporates an internal Phase-Locked Loop (PLL) to
clock the internal circuitry. The PLL can be driven by an external
clock source connected to the SYNC pin. When using the internal
oscillator, the SYNC pin can be configured as a clock source for
other Intersil digital power devices.
By default, the SYNC pin is configured as an input. The device will
automatically check for a clock signal on the SYNC pin each time
EN is asserted. The ZL8802’s oscillator will then synchronize with
the rising edge of the external clock.
The incoming clock signal must be in the range of 200kHz to
1.33MHz and must be stable when the enable pin (EN0, EN1) is
asserted. When using an external clock, the frequencies are not
limited to discrete values as when using the internal clock. The
external clock signal must not vary more than 10% from its initial
value and should have a minimum pulse width of 150ns. In the
event of a loss of the external clock signal, the output voltage
may show transient overshoot or undershoot.
If loss of synchronization occurs, the ZL8802 will automatically
switch to its internal oscillator and switch at its programmed
frequency.
When used in a multiphase (4-, 6-, and 8-phase) application, the
SYNC pin of one of the devices must be configured as an output.
The device will run from its internal oscillator and will drive the
SYNC pin so other devices can be synchronized to it. The SYNC
pin will not be checked for an incoming clock signal while in this
mode.
The switching frequency can be set to any value between 200kHz
and 1.33MHz using a PMBus command. The available
frequencies below 1.33MHz are defined by fSW = 16MHz/N,
where 12 ≤ N ≤ 80.
If a value other than fSW = 16MHz/N is entered using a PMBus
command, the internal circuitry will select the switching
frequency value using N as a whole number to achieve a value
close to the entered value. For example, if 810kHz is entered, the
device will select 800kHz (N = 20).
Input Voltage Undervoltage Lockout Setting
(UVLO)
The input Undervoltage Lockout (UVLO) prevents the ZL8802 from
operating when the input falls below a preset threshold, indicating
the input supply is out of its specified range. The input voltage
undervoltage lockout threshold can be set between 4.18V and 16V
using the pin-strap method as shown in Table 6. UVLO can also be
set or changed using the VIN_UV_FAULT_LIMIT command.
When an input undervoltage fault condition occurs, the user can
determine the desired response to the fault condition. The
following input undervoltage protection response options are
available:
• Shut down and stay off until the fault has cleared and the
device has been disabled and reenabled.
• Shut down and restart continuously after a delay.
Refer to “PMBus Command Detail” on page 27 for details on how
to select specific overvoltage fault response options using the
VIN_UV_FAULT_RESPONSE command.
When controlling the ZL8802 exclusively through the PMBus, a
high voltage setting for UVLO can be used to prevent the ZL8802
from being enabled until a lower voltage for UVLO is set using the
VIN_UV_FAULT_LIMIT command.
Configuration Setting (CFG)
The Configuration pin (CFG) sets several device configuration
settings allowing the device to be used in applications without the
need for loading configuration files. The settings are shown in
Table 7. When using the ZL8802 in a 4-phase application, the
master device address must be 1 higher than the slave address.
This must be done for the two devices to be recognized as part of a
current sharing group. See PMBus command “DDC_CONFIG
(D3h)” on page 65 for details.
13.3
267
42.2
842
14.7
286
46.4
889
16.2
320
51.1
1067
17.8
364
56.2
1143
19.6
381
61.9
1231
21.5
432
68.1
1333
TABLE 5. SWITCHING FREQUENCY SETTINGS (Continued)
RSYNC (kΩ)
FREQ (kHz)
RSYNC (kΩ)FREQ (kHz)
TABLE 6. INPUT VOLTAGE UNDERVOLTAGE LOCKOUT SETTING
RUVLO (kΩ)
UVLO (V)
RUVLO (kΩ)UVLO (V)
LOW
5.50
46.4
7.42
OPEN
4.50
51.1
8.18
HIGH
10.80
56.2
8.99
26.1
4.18
61.9
9.90
28.7
4.59
68.1
10.90
31.6
5.06
75
12.00
34.8
5.57
82.5
13.20
38.3
6.13
90.9
14.54
42.2
6.75
100
16.00
TABLE 7. CONFIGURATION SETTINGS
RCFG
(kΩ)
Page 0
Page 1
CIRCUIT
AVERAGE OC
LIMIT (A)
PEAK OC
LIMIT (A)
AVERAGE OC
LIMIT (A)
PEAK OC
LIMIT (A)
10
25
28
25
28
2 Output
11
35
37.5
35
37.5
2 Output
12.1
45
48
45
48
2 Output
13.3
55
60
55
60
2 Output
14.7
6065
6065
2 Output
16.2
65
70
65
70
2 Output
17.8
35
37.5
25
28
2 Output
19.6
4548
2528
2 Output
21.5
55
60
25
28
2 Output
23.7
45
48
35
37.5
2 Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com