Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS4303R/T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS4303R/T
Description  Voltage Sample and Infinite Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4303R/T Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS4303R/T Datasheet HTML 1Page - Maxim Integrated Products DS4303R/T Datasheet HTML 2Page - Maxim Integrated Products DS4303R/T Datasheet HTML 3Page - Maxim Integrated Products DS4303R/T Datasheet HTML 4Page - Maxim Integrated Products DS4303R/T Datasheet HTML 5Page - Maxim Integrated Products DS4303R/T Datasheet HTML 6Page - Maxim Integrated Products DS4303R/T Datasheet HTML 7Page - Maxim Integrated Products DS4303R/T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
General Description
The DS4303 is a nonvolatile (NV) sample and infinite-
hold adjustable voltage reference. The reference volt-
age is programmed in-circuit during factory calibration/
programming. Programming the reference voltage,
VOUT, is as simple as applying the desired voltage on
VIN and toggling the adjust pin (ADJ) to lock the VOUT
voltage level indefinitely, even if the device is power
cycled. The DS4303 replaces current cumbersome fac-
tory adjustment arrangements with a low-cost solution
that can be adjusted using automated techniques. In
addition, the DS4303 has the ability to be readjusted
after the unit has been fully assembled and tested. This
results in a much more flexible manufacturing arrange-
ment, lower inventory costs, and a quicker time-to-market.
Applications
Power-Supply Calibration
Threshold Setting
Offset Nulling
Bias Adjusting
Power Amps
Pressure Bridges
Factory-Calibrated Equipment
Features
♦ Precise Electronically Adjustable Voltage
Reference
♦ Enables Automated Factory Trimming of Devices
Needing Voltage Adjustment
♦ Can be Adjusted to Within ±1mV
♦ Wide Adjustable Output Voltage Range Within
300mV of the Supply Rails
♦ Low Temperature Coefficient
♦ ±1mA of Output-Current Drive
♦ NV Memory Stores the Voltage Indefinitely
♦ Output Short-Circuit Protection
♦ Low Cost
♦ Low Power Consumption
♦ 2.4V to 3.6V Single-Supply Operation
♦ Small 5-Lead SOT23 Package
Voltage Sample and Infinite Hold
______________________________________________ Maxim Integrated Products
1
GND
VOUT
VIN
15
VCC
ADJ
DS4303
SOT23
TOP VIEW
2
34
Pin Configuration
Ordering Information
SHUNT
VOLTAGE
REFERENCE
ACCESS FOR
AUTOMATED
ALIGNMENT
REFERENCE
VOLTAGE
REFERENCE
VOLTAGE
HAND SELECTED
0.1% RESISTOR
OR MECHANICAL POT
EXISTING SOLUTION
DS4303 SOLUTION
DS4303
VCC
GND
VOUT
VIN
ADJ
VCC
Typical Operating Circuit
Rev 0; 3/05
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
SOT
MARK
DS4303R/T&R
-40
°C to +85°C
SOT23-5
4303
DS4303R+T&R
-40
°C to +85°C
SOT23-5
4303+
+Denotes lead-free package.


Similar Part No. - DS4303R/T

ManufacturerPart #DatasheetDescription
logo
Bridgelux, Inc.
DS430 BRIDGELUX-DS430 Datasheet
1Mb / 34P
Gen 8 Vero® SE 10 Array
07/2023
logo
Maxim Integrated Produc...
DS4300D+ MAXIM-DS4300D+ Datasheet
158Kb / 8P
DS4-XO Series Crystal Oscillators
Rev 2; 6/08
DS4300P+ MAXIM-DS4300P+ Datasheet
158Kb / 8P
DS4-XO Series Crystal Oscillators
Rev 2; 6/08
logo
Dallas Semiconductor
DS4301 DALLAS-DS4301 Datasheet
150Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
logo
Maxim Integrated Produc...
DS4301 MAXIM-DS4301 Datasheet
155Kb / 7P
Nonvolatile, 32-Position Digital Potentiometer
Rev 0; 8/03
More results

Similar Description - DS4303R/T

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5533 AD-AD5533 Datasheet
224Kb / 16P
32-Channel Infinite Sample-and-Hold
REV.0
logo
Maxim Integrated Produc...
DS4305 MAXIM-DS4305 Datasheet
229Kb / 8P
Sample-and-Infinite Hold Voltage Reference
Rev 0; 1/06
logo
Analog Devices
AD5532B AD-AD5532B Datasheet
443Kb / 16P
32-Channel, 14-Bit DAC with Precision Infinite Sample-and-Hold Mode
9/02-Data Sheet changed from REV. 0 to REV. A.
AD5533B AD-AD5533B Datasheet
353Kb / 16P
32-Channel Precision Infinite Sample-and-Hold
9/02-Data Sheet changed from REV. 0 to REV. A.
logo
Supertex, Inc
HV257DB2 SUTEX-HV257DB2 Datasheet
354Kb / 2P
High Voltage Sample and Hold Array
logo
Analog Devices
SHA4 AD-SHA4_15 Datasheet
1Mb / 4P
SAMPLE AND HOLD AMPLIFIERS
AD5533 AD-AD5533_15 Datasheet
288Kb / 16P
32-Channel Infinite Sample-and-Hold
REV. A
AD5533B AD-AD5533B_15 Datasheet
229Kb / 16P
32-Channel Precision Infinite Sample-and-Hold
REV. A
logo
Intersil Corporation
HI-5046A INTERSIL-HI-5046A Datasheet
892Kb / 12P
Sample and Hold
logo
DATEL, Inc.
MSH-840 DATEL-MSH-840 Datasheet
102Kb / 1P
Sample and Hold Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com