Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS4303R/T Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS4303R/T
Description  Voltage Sample and Infinite Hold
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4303R/T Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS4303R/T Datasheet HTML 1Page - Maxim Integrated Products DS4303R/T Datasheet HTML 2Page - Maxim Integrated Products DS4303R/T Datasheet HTML 3Page - Maxim Integrated Products DS4303R/T Datasheet HTML 4Page - Maxim Integrated Products DS4303R/T Datasheet HTML 5Page - Maxim Integrated Products DS4303R/T Datasheet HTML 6Page - Maxim Integrated Products DS4303R/T Datasheet HTML 7Page - Maxim Integrated Products DS4303R/T Datasheet HTML 8Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Voltage Sample and Infinite Hold
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC Relative to GND ...........................-0.5V to +6.0V
Voltage on VIN, ADJ, and VOUT
Relative to GND ...-0.5V to (VCC + 0.5V), not to exceed +6.0V
Operating Temperature Range ...........................-40
°C to +85°C
EEPROM Programming Adjust Temperature..........0
°C to +70°C
VOUT to GND Short-Circuit Duration .........................Continuous
Storage Temperature Range .............................-55
°C to +125°C
Soldering Temperature ...See IPC/JEDEC J-STD-020 Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.4
3.6
V
VIN Voltage Range
VIN
0.3
VCC - 0.3
V
ADJ Logic 0
VIL
-0.3
0.3 x VCC
V
VOUT Current
VOUTI
-1
+1
mA
VOUT Load
VOUTL
100
pF
ELECTRICAL CHARACTERISTICS
(VCC = +2.4 to +3.6V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Current
ICC
VIN, ADJ and VOUT = open circuit
1.1
1.6
mA
VIN Resistance
RPD
95
k
Ω
ADJ Pullup Resistance
RPU
18
k
Ω
VOUT Voltage Range
VOUTR
(Note 1)
0.3
VCC - 0.3
V
VOUT Tracking Accuracy
VOUTTA
(Note 2)
±20
mV
VOUT Quantization
VOUTQ
(Note 3)
±1mV
-40°C to +85°C, VOUT = 0.4V
±104
µV/°C
-40°C to +25°C, VOUT = 3.0V
-5
+28
+62
VOUT Temperature Coefficient
VOUTTC
+25°C to +85°C, VOUT = 3.0V
-31
-13
+6
ppm/°C
VOUT Line Regulation
VOUTLN
-4.0
+1.0
mV/V
VOUT Load Regulation
VOUTLD
-1mA
≤ VOUTI ≤ +1mA
5.5
mV/mA
Long-Term Stability
VOUTLTS
1000 hours at +25°C
TBD
ppm
en1
0.1Hz
≤ ƒ ≤ 10Hz
200
µVP-P
VOUT Noise
en2
10Hz
≤ ƒ ≤ 1kHz
26
µVRMS
VOUT PSRR
VOUTPSRR ƒ= 200kHz
21
dB
VOUT Self-Adjust Settling Time
tST
(Note 4)
11
15
ms/V
EEPROM Programming Time
tW
(Note 5)
9
12
ms
Turn-On Time
tON
VIN and ADJ = open circuit (Note 6)
10
µs
ADJ Toggle Low Time
tADJ
100
ns
VOUT Factory Trimmed Value
VOUT FT
+25°C, VCC = 3.3V (Note 7)
1200
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com