Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMRF1007H Datasheet(PDF) 2 Page - NXP Semiconductors

Part # MMRF1007H
Description  RF Power Field Effect Transistors
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1007H Datasheet(HTML) 2 Page - NXP Semiconductors

  MMRF1007H Datasheet HTML 1Page - NXP Semiconductors MMRF1007H Datasheet HTML 2Page - NXP Semiconductors MMRF1007H Datasheet HTML 3Page - NXP Semiconductors MMRF1007H Datasheet HTML 4Page - NXP Semiconductors MMRF1007H Datasheet HTML 5Page - NXP Semiconductors MMRF1007H Datasheet HTML 6Page - NXP Semiconductors MMRF1007H Datasheet HTML 7Page - NXP Semiconductors MMRF1007H Datasheet HTML 8Page - NXP Semiconductors MMRF1007H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
2
RF Device Data
Freescale Semiconductor, Inc.
MMRF1007HR5 MMRF1007HSR5
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
Case Temperature 67C, 1000 W Peak, 128 sec Pulse Width, 10% Duty Cycle,
50 Vdc, IDQ = 150 mA
Case Temperature 62C, Mode--S Pulse Train, 80 Pulses of 32 sec On, 18 sec
Off, Repeated Every 40 msec, 6.4% Overall Duty Cycle, 50 Vdc, IDQ = 150 mA
ZJC
0.02
0.07
C/W
Table 3. ESD Protection Characteristics
Test Methodology
Class
Human Body Model (per JESD22--A114)
1B
Machine Model (per EIA/JESD22--A115)
B
Charge Device Model (per JESD22--C101)
IV
Table 4. Electrical Characteristics (TA =25C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Off Characteristics (2)
Gate--Source Leakage Current
(VGS =5 Vdc, VDS =0 Vdc)
IGSS
10
Adc
Drain--Source Breakdown Voltage
(VGS =0 Vdc, ID = 165 mA)
V(BR)DSS
110
Vdc
Zero Gate Voltage Drain Leakage Current
(VDS =50 Vdc, VGS =0 Vdc)
IDSS
10
Adc
Zero Gate Voltage Drain Leakage Current
(VDS = 100 Vdc, VGS =0 Vdc)
IDSS
100
Adc
On Characteristics
Gate Threshold Voltage (2)
(VDS =10 Vdc, ID = 1000 Adc)
VGS(th)
0.9
1.6
2.4
Vdc
Gate Quiescent Voltage (3)
(VDD =50 Vdc, ID = 150 mAdc, Measured in Functional Test)
VGS(Q)
1.5
2.2
3
Vdc
Drain--Source On--Voltage (2)
(VGS =10 Vdc, ID =2.7 Adc)
VDS(on)
0.15
Vdc
Dynamic Characteristics (2)
Reverse Transfer Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
1.27
pF
Output Capacitance
(VDS =50 Vdc  30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
86.7
pF
Input Capacitance
(VDS =50 Vdc, VGS =0 Vdc  30 mV(rms)ac @ 1 MHz)
Ciss
539
pF
Functional Tests (3) (In Freescale Test Fixture, 50 ohm system) VDD =50 Vdc, IDQ = 150 mA, Pout = 1000 W Peak (100 W Avg.),
f = 1030 MHz, 128 sec Pulse Width, 10% Duty Cycle
Power Gain
Gps
19
20
22
dB
Drain Efficiency
D
54
56
%
Input Return Loss
IRL
--23
--9
dB
1. Refer to AN1955, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes -- AN1955.
2. Each side of device measured separately.
3. Measurement made with device in push--pull configuration.
(continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com