Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMRF1023HS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # MMRF1023HS
Description  RF Power LDMOS Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1023HS Datasheet(HTML) 4 Page - NXP Semiconductors

  MMRF1023HS Datasheet HTML 1Page - NXP Semiconductors MMRF1023HS Datasheet HTML 2Page - NXP Semiconductors MMRF1023HS Datasheet HTML 3Page - NXP Semiconductors MMRF1023HS Datasheet HTML 4Page - NXP Semiconductors MMRF1023HS Datasheet HTML 5Page - NXP Semiconductors MMRF1023HS Datasheet HTML 6Page - NXP Semiconductors MMRF1023HS Datasheet HTML 7Page - NXP Semiconductors MMRF1023HS Datasheet HTML 8Page - NXP Semiconductors MMRF1023HS Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
RF Device Data
Freescale Semiconductor, Inc.
MMRF1023HS
Figure 2. MMRF1023HS Test Circuit Component Layout
*C3, C4, C5, C6, C14 and C15 are mounted vertically.
VGGA
VGGB
C1
C2
R2
C3*
C4*
C5* C6*
R1
Z1
C7
C8
R3
C10
C12
C11
C9
C14*
C15*
C13
C16
C17
C18
C19
C
P
Table 6. MMRF1023HS Test Circuit Component Designations and Values
Part
Description
Part Number
Manufacturer
C1, C8, C10, C12, C16, C18
10 μF Chip Capacitors
C5750X7S2A106M230KB
TDK
C2, C4, C5, C7, C11, C17
8.2 pF Chip Capacitors
ATC100B8R2CT500XT
ATC
C3
0.7 pF Chip Capacitor
ATC100B0R7CT500XT
ATC
C6
0.8 pF Chip Capacitor
ATC100B0R8CT500XT
ATC
C9, C19
470 μF, 63 V Electrolytic Capacitors
MCGPR63V477M13X26
Multicomp
C13
0.6 pF Chip Capacitor
ATC00F0R6BT250XT
ATC
C14
5.6 pF Chip Capacitor
ATC100B5R6CT500XT
ATC
C15
6.8 pF Chip Capacitor
ATC100B6R8CT500XT
ATC
R1
50 Ω, 10 W Termination
CW12010T0050GBK
ATC
R2, R3
3.0 Ω, 1/4 W Chip Resistors
CRCW12063R0FKEA
Vishay
Z1
2300–2700 MHz Band, 90°, 2 dB Hybrid Coupler
X3C25P1-02S
Anaren
PCB
Rogers RO4350B, 0.020″, εr =3.66
MTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com