Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMRF1023HS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MMRF1023HS
Description  RF Power LDMOS Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MMRF1023HS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MMRF1023HS Datasheet HTML 5Page - NXP Semiconductors MMRF1023HS Datasheet HTML 6Page - NXP Semiconductors MMRF1023HS Datasheet HTML 7Page - NXP Semiconductors MMRF1023HS Datasheet HTML 8Page - NXP Semiconductors MMRF1023HS Datasheet HTML 9Page - NXP Semiconductors MMRF1023HS Datasheet HTML 10Page - NXP Semiconductors MMRF1023HS Datasheet HTML 11Page - NXP Semiconductors MMRF1023HS Datasheet HTML 12Page - NXP Semiconductors MMRF1023HS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
MMRF1023HS
9
RF Device Data
Freescale Semiconductor, Inc.
P1dB – TYPICAL CARRIER LOAD PULL CONTOURS — 2350 MHz
–1
–3
22.5
16
–2
–5
–6
1.5
3
–4
3.5
4
4.5
5
5.5
–1
–3
22.5
16
–2
–5
–6
1.5
3
–4
3.5
4
4.5
5
5.5
–1
–3
22.5
16
–2
–5
–6
1.5
3
–4
3.5
4
4.5
5
5.5
NOTE:
= Maximum Output Power
= Maximum Drain Efficiency
P
E
Gain
Drain Efficiency
Linearity
Output Power
Figure 8. P1dB Load Pull Output Power Contours (dBm)
REAL (Ω)
–1
–3
22.5
16
–2
–5
–6
1.5
Figure 9. P1dB Load Pull Efficiency Contours (%)
REAL (Ω)
Figure 10. P1dB Load Pull Gain Contours (dB)
REAL (Ω)
Figure 11. P1dB Load Pull AM/PM Contours (°)
REAL (Ω)
3
E
–4
3.5
4
4.5
5
5.5
E
P
50.5
48.5
51.5
51
52
49.5
50
48.5
49
E
56
50
58
52
62
64
66
54
60
P
19.5
17.5
19
20
18
18.5
20.5
21
P
E
E
P
52.5
54
P
–14
–16
–18
–20
–22
–24
–26
–28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com