Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC6957-4 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6957-4
Description  Low Phase Noise, Dual Output Logic Converter
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6957-4 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6957-4 Datasheet HTML 9Page - Analog Devices LTC6957-4 Datasheet HTML 10Page - Analog Devices LTC6957-4 Datasheet HTML 11Page - Analog Devices LTC6957-4 Datasheet HTML 12Page - Analog Devices LTC6957-4 Datasheet HTML 13Page - Analog Devices LTC6957-4 Datasheet HTML 14Page - Analog Devices LTC6957-4 Datasheet HTML 15Page - Analog Devices LTC6957-4 Datasheet HTML 16Page - Analog Devices LTC6957-4 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
LTC6957-1/LTC6957-2/
LTC6957-3/LTC6957-4
13
6957fb
For more information www.linear.com/LTC6957-1
TYPICAL PERFORMANCE CHARACTERISTICS
Additive Phase Noise
vs Supply Voltage
Additive Phase Noise at 122.88MHz
AM to PM Conversion
tPD vs Temperature
tPD vs Temperature
tPD vs Supply Voltage
Additive Phase Noise
vs Input Frequency
Additive Phase Noise
vs Amplitude
Additive Phase Noise
vs Temperature
LTC6957-2
OFFSET FREQUENCY (Hz)
100
–165
–145
–140
–130
1k
10k
100k
69571234 G29
–135
–160
–150
–155
1M
–10dBm, FILTA = L, FILTB = H
0dBm, FILTA = H, FILTB = L
10dBm, FILTA = FILTB = L
SINGLE-ENDED 100MHz SINE WAVE INPUT
SEE APPLICATIONS INFORMATION
OFFSET FREQUENCY (Hz)
100
–165
–160
–155
–130
1k
10k
100k
69571234 G30
–135
–145
–140
–150
1M
125°C
–55°C
SINGLE-ENDED SINE WAVE INPUT,
100MHz AT 7dBm (500mVRMS)
FILTA = FILTB = L
25°C
OFFSET FREQUENCY (Hz)
100
–165
–160
–155
–130
1k
10k
100k
69571234 G31
–135
–145
–140
–150
1M
3.45V
3.3V
3.15V
SINGLE-ENDED SINE WAVE INPUT,
100MHz AT 7dBm (500mVRMS)
FILTA = FILTB = L
OFFSET FREQUENCY (Hz)
100
–165
–145
–140
–130
1k
10k
100k
69571234 G32
–135
–160
–150
–155
1M
7dBm, FILTA = FILTB = L
0dBm, FILTA = H, FILTB = L
SINGLE-ENDED SINE WAVE INPUT
INPUT AMPLITUDE (dBm)
–10
–5
–1
0
5
–8 –6 –4 –2 0
2
4
6
8
69571234 G33
4
–4
–2
2
3
1
–3
10
125°C
–55°C
EACH CURVE NORMALIZED TO 0° AT 0dBm
25°C
fIN = 300MHz
V+ = 3.3V
TEMPERATURE (°C)
–55
0.5
4.0
–35 –15
85 105
45 65
5
25
69571234 G34
1.0
3.0
1.5
125
FILTA = L, FILTB = H
FILTA = H, FILTB = L
FILTA = FILTB = L
100 LOAD
FILTA = FILTB = H
TEMPERATURE (°C)
–55
0.825
0.875
0.850
0.925
0.950
–35 –15 5
25 45 65 85 105
69571234 G35
0.900
125
V+ = 3.6V
V+ = 3.3V
V+ = 3.0V
FILTA = FILTB = L
100Ω LOAD
SUPPLY VOLTAGE (V)
3
0.84
0.88
0.86
0.92
0.96
0.94
3.1
3.2
3.3
3.4
3.5
69571234 G36
0.90
3.6
125°C
25°C
–55°C
FILTA = FILTB = L
100Ω LOAD
OFFSET FREQUENCY (Hz)
100
–165
–145
–140
–130
1k
10k
100k
69571234 G28
–135
–160
–150
–155
1M
300MHz
100MHz
153.6MHz
SINGLE-ENDED SINE WAVE INPUT
AT 7dBm (500mVRMS)
FILTA = FILTB = L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com