Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TAS5805MPWPR Datasheet(PDF) 79 Page - Texas Instruments

Click here to check the latest version.
Part # TAS5805MPWPR
Description  23-W, Inductor-Less, Digital Input, Stereo, Closed-Loop Class-D Audio Amplifier with Enhanced Processing and Low Idle Power Dissipation
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS5805MPWPR Datasheet(HTML) 79 Page - Texas Instruments

Back Button TAS5805MPWPR Datasheet HTML 75Page - Texas Instruments TAS5805MPWPR Datasheet HTML 76Page - Texas Instruments TAS5805MPWPR Datasheet HTML 77Page - Texas Instruments TAS5805MPWPR Datasheet HTML 78Page - Texas Instruments TAS5805MPWPR Datasheet HTML 79Page - Texas Instruments TAS5805MPWPR Datasheet HTML 80Page - Texas Instruments TAS5805MPWPR Datasheet HTML 81Page - Texas Instruments TAS5805MPWPR Datasheet HTML 82Page - Texas Instruments TAS5805MPWPR Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 86 page
background image
79
TAS5805M
www.ti.com
SLASEH5A – MAY 2018 – REVISED JULY 2018
Product Folder Links: TAS5805M
Submit Documentation Feedback
Copyright © 2018, Texas Instruments Incorporated
13 Device and Documentation Support
13.1 Device Support
13.1.1 Device Nomenclature
The glossary listed in the Glossary section is a general glossary with commonly used acronyms and words which
are defined in accordance with a broad TI initiative to comply with industry standards such as JEDEC, IPC, IEEE,
and others. The glossary provided in this section defines words, phrases, and acronyms that are unique to this
product and documentation, collateral, or support tools and software used with this product. For any additional
questions regarding definitions and terminology, please see the e2e Audio Amplfier Forum.
Bridge tied load (BTL) is an output configuration in which one terminal of the speaker is connected to one half-
bridge and the other terminal is connected to another half-bridge.
DUT refers to a device under test to differentiate one device from another.
Closed-loop architecture describes a topology in which the amplifier monitors the output terminals, comparing
the output signal to the input signal and attempts to correct for non-linearities in the output.
Dynamic controls are those which are changed during normal use by either the system or the end-user.
GPIO is a general purpose input/output pin. It is a highly configurable, bi-directional digital pin which can perform
many functions as required by the system.
Host processor (also known as System Processor, Scalar, Host, or System Controller) refers to device
which serves as a central system controller, providing control information to devices connected to it as well as
gathering audio source data from devices upstream from it and distributing it to other devices. This device often
configures the controls of the audio processing devices (like the ) in the audio path in order to optimize the audio
output of a loudspeaker based on frequency response, time alignment, target sound pressure level, safe
operating area of the system, and user preference.
Maximum continuous output power refers to the maximum output power that the amplifier can continuously
deliver without shutting down when operated in a 25°C ambient temperature. Testing is performed for the period
of time required that their temperatures reach thermal equilibrium and are no longer increasing
Parallel bridge tied load (PBTL) is an output configuration in which one terminal of the speaker is connected to
two half-bridges which have been placed in parallel and the other terminal is connected to another pair of half
bridges placed in parallel
rDS(on) is a measure of the on-resistance of the MOSFETs used in the output stage of the amplifier.
Static controls/Static configurations are controls which do not change while the system is in normal use.
Vias are copper-plated through-hole in a PCB.
13.1.2 Development Support
For RDGUI software, please consult your local field support engineer.
13.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. In the upper
right corner, click on Alert me to register and receive a weekly digest of any product information that has
changed. For change details, review the revision history included in any revised document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com