Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM82PC12NI/A Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM82PC12NI/A
Description  8-Bit Input/Output Port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM82PC12NI/A Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM82PC12NI/A Datasheet HTML 1Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 2Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 3Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 4Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 5Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 6Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 7Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Absolute Maximum Ratings
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Storage Temperature Range
b
65 Cto a150 C
Voltage at Any Pin With
Respect to Ground
b
03V to VCC a 03V
Lead Temperature
(Soldering 10 seconds)
300 C
Power Dissipation
500 mW
Maximum VCC
7V
Note
Absolute maximum ratings are those values beyond
which the safety of the device cannot be guaranteed Con-
tinuous operation at these limits is not intended operation
should be limited to those conditions specified under DC
Electrical Characteristics
Operating Range VCC e 5V g10%
Ambient Temperature
Military
b
55 Cto a125 C
Industrial
b
40 Cto a85 C
Commercial
0 Cto a70 C
DC Electrical Characteristics
VCC e 5V g10% GND e 0V unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VIH
Input High Voltage
07 VCC
VCC
V
VIL
Input Low Voltage
0
02 VCC
V
VOH
Output High Voltage
VCCe 45V VIH e 45V IOH eb2 mA
24
V
VOL
Output Low Voltage
VCCe 55V VIL e 0V VIH e 55V IOL e 2 mA
04
V
IIH
Input High Current
VCCe 55V VIN e 55V
10
m
A
IIL
Input Low Current
VCCe 55V VIN e 0V
b
10
m
A
IOH
Output High Current
VCCe 45V VOUT e 24V VIH e 45V
b
20
mA
IOL
Output Low Current
VCCe 55V VOUT e 04V VIL e 0V
20
mA
ICC
Power Supply Current
VCCe 55V VIH e 55V VIL e 0V
400
m
A
IOZL
TRI-STATE Low Leakage
VCCe 55V VOUT e 0V
b
10
m
A
Current
IOZH
TRI-STATE High Leakage
VCCe 45V VOUT e 45V
10
m
A
Current
AC Electrical Characteristics
TA eb55 Cto a125 C VCC e 5V g10% GND e 0V unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
tPW
Pulse Width (STB DS1
 DS2 CLR)
25
40
ns
tPD
Data In to Data Out
45
60
ns
tWE
Write Enable to Data Out
55
75
ns
tSET
Data Setup Time
15
ns
tH
Data Hold Time
20
ns
tR
Reset to Data Out
50
65
ns
tS
Select to Interrupt
50
65
ns
tC
Clear to Data Out
45
60
ns
tED
Output EnableDisable Time
50
65
ns
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com