Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM82PC12NI/A Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM82PC12NI/A
Description  8-Bit Input/Output Port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM82PC12NI/A Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM82PC12NI/A Datasheet HTML 1Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 2Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 3Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 4Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 5Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 6Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 7Page - National Semiconductor (TI) MM82PC12NI/A Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLC5596
July 1987
MM82PC12 8-Bit InputOutput Port
General Description
The MM82PC12 is a microCMOS 8-bit inputoutput port
contained in a standard 24-pin dual-in-line package The
MM82PC12 can be used to implement latches gated buff-
ers or multiplexers Thus all of the major peripheral and
inputoutput functions of a microcomputer system can be
implemented with this device
The MM82PC12 includes an 8-bit latch with TRI-STATE
output buffers and device selection and control logic Also
included is a service request flip-flop for the generation and
control of interrupts to the microprocessor
The MM82PC12 is pinout and function compatible with stan-
dard INS8212 and DP8212 devices
For military applications the MM82PC12 is available with
class B screening in accordance with method 5004 of MIL-
STD-883
Features
Y
Drive capability150 pF load
Y
High noise immunity
Y
Low power dissipation
Y
Full interface to CMOS logic levels
Y
microCMOS technology
Y
TTL drive capability when VCC e 5V
Y
8-bit data latch and buffer
Y
Service request flip-flop for generation and control of
interrupts
Y
1 mA input load current
Y
Reduces system package count by replacing buffers
latches and multiplexers in microcomputer systems
System Configuration
TLC5596 – 1
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM82PC12NI/A

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
MM8221 TELEDYNE-MM8221 Datasheet
220Kb / 2P
2.0 TO 8.0 GHz DOUBLE-MM8221 BALANCED MIXER
logo
Fairchild Semiconductor
MM82C19 FAIRCHILD-MM82C19 Datasheet
62Kb / 7P
16-Line to 1-Line Multiplexer
logo
National Semiconductor ...
MM82C19 NSC-MM82C19 Datasheet
126Kb / 8P
16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
MM82C19J NSC-MM82C19J Datasheet
126Kb / 8P
16-Line to 1-Line Multiplexer, TRI-STATE16-Line to 1-Line
logo
Fairchild Semiconductor
MM82C19N FAIRCHILD-MM82C19N Datasheet
69Kb / 8P
16-Line to 1-Line Multiplexer 3-STATE . 16-Line to 1-Line Multiplexer
More results

Similar Description - MM82PC12NI/A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DP8212 NSC-DP8212 Datasheet
189Kb / 10P
8-Bit Input/Output Port
logo
NTE Electronics
NTE8212 NTE-NTE8212 Datasheet
28Kb / 4P
Integrated Circuit Schottky, 8-Bit Input/Output Port
logo
Wolfson Microelectronic...
WM2627 WOLFSON-WM2627 Datasheet
107Kb / 11P
Quad 8-Bit Serial Input Voltage Output DAC
logo
Intel Corporation
M8212 INTEL-M8212 Datasheet
153Kb / 5P
8-BIT INPUT/OUTPUT PORT
logo
Intersil Corporation
HS-82C12RH INTERSIL-HS-82C12RH Datasheet
49Kb / 8P
Radiation Hardened 8-Bit Input/Output Port
March 1996
CDP68HC68P1 INTERSIL-CDP68HC68P1 Datasheet
253Kb / 9P
CMOS Serial 8-Bit Input/Output Port
September 2003
logo
Integral Corp.
IN74ACT164 INTEGRAL-IN74ACT164 Datasheet
166Kb / 5P
8-BIT SERIAL-INPUT/PARALLEL-OUTPUT SHIFT REGISTER
logo
Rohm
BA823F ROHM-BA823F Datasheet
152Kb / 6P
8-Bit Serial-Input Parallel-Output Driver
logo
Intersil Corporation
HS-82C12RH INTERSIL-HS-82C12RH_00 Datasheet
67Kb / 6P
Radiation Hardened 8-Bit Input/Output Port
August 2000
logo
Texas Instruments
DP8212 TI1-DP8212_11 Datasheet
439Kb / 12P
DP8212/DP8212M 8-Bit Input/Output Port
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com