Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP4545IMNTWG Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCP4545IMNTWG
Description  ecoSwitch Advanced Load Management
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4545IMNTWG Datasheet(HTML) 1 Page - ON Semiconductor

  NCP4545IMNTWG Datasheet HTML 1Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 2Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 3Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 4Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 5Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 6Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 7Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 8Page - ON Semiconductor NCP4545IMNTWG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
© Semiconductor Components Industries, LLC, 2016
November, 2016 − Rev. 2
1
Publication Order Number:
NCP4545/D
NCP4545
ecoSwitch
t
Advanced Load Management
Controlled Load Switch with Low RON
The NCP4545 load switch provides a component and area-reducing
solution for efficient power domain switching with inrush current
limit via soft start. It is designed to integrate control and driver
functionality with a high performance low on-resistance power
MOSFET in a single device. This cost effective solution is ideal for
power management and hot−swap applications requiring low power
consumption in a small footprint.
Features
Advanced Controller with Charge Pump
Integrated N−Channel MOSFET
Soft−Start via Adjustable Slew Rate Control
Low On−Resistance
Input Voltage Range 0.5 V to 6 V
Low Standby Current
Load Bleed Function
No External Components Required
Enable Pin with CMOS Input Levels
This is a Pb−Free Device
Typical Applications
Notebook and Tablet Computers
Handheld Electronics
Digital Cameras
Portable Medical Devices
Hard Drives
Peripheral Ports
Figure 1. Typical Application − No external components included
Bandgap
&
Biases
Charge
Pump
RC
Oscillator
Delay and
Slew Rate
Control
Controller
0.5 V − 6 V
Load
3 V − 5.5 V
QFN18, 3x3
CASE 485BF
MARKING
DIAGRAM
1
NCP
4545x
ALYW
G
1
x
= Blank for EN Active−High
= L for EN Active−Low
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
www.onsemi.com
RON TYP
VCC
IMAX
4.7 m
W
5.0 V
10.5 A
3.3 V
5.9 m
W
VIN
1.8 V
5.0 V
PIN CONFIGURATION
(Top View)
19: VIN
1
13
12
11
2
3
4
10
DELAY
VIN
GND
VCC
VIN
VIN
VIN
VIN
See detailed ordering and shipping information on page 10 of
this data sheet.
ORDERING INFORMATION


Similar Part No. - NCP4545IMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP4545IMNTWG ONSEMI-NCP4545IMNTWG Datasheet
246Kb / 10P
ecoSwitch Advanced Load Management
January, 2012 ??Rev. 1
More results

Similar Description - NCP4545IMNTWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP45521IMNTWG-H ONSEMI-NCP45521IMNTWG-H Datasheet
145Kb / 10P
ecoSWITCH Advanced Load Management
January, 2013 ??Rev. 1
NCP45560IMNTWG-H ONSEMI-NCP45560IMNTWG-H Datasheet
171Kb / 13P
ecoSWITCH Advanced Load Management
November, 2013 ??Rev. 1
NCP4545IMNTWG ONSEMI-NCP4545IMNTWG Datasheet
246Kb / 10P
ecoSwitch Advanced Load Management
January, 2012 ??Rev. 1
NCP4543 ONSEMI-NCP4543_16 Datasheet
207Kb / 10P
Advanced Load Management ecoSwitch
November, 2016 ??Rev. 5
NCP45524 ONSEMI-NCP45524_16 Datasheet
128Kb / 14P
ecoSWITCH Advanced Load Management
November, 2016 ??Rev. 4
NCP45540 ONSEMI-NCP45540_18 Datasheet
169Kb / 13P
ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
NCP45541 ONSEMI-NCP45541_18 Datasheet
163Kb / 13P
ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 5
NCP45560 ONSEMI-NCP45560_18 Datasheet
172Kb / 13P
ecoSWITCH Advanced Load Management
May, 2018 ??Rev. 4
NCP45750 ONSEMI-NCP45750 Datasheet
180Kb / 11P
ecoSwitch Advanced Load Management
May, 2020 ??Rev. 3
NCP45760 ONSEMI-NCP45760 Datasheet
171Kb / 11P
ecoSwitch Advanced Load Management
June, 2020 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com