Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP4545IMNTWG-L Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP4545IMNTWG-L
Description  ecoSwitch Advanced Load Management
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4545IMNTWG-L Datasheet(HTML) 2 Page - ON Semiconductor

  NCP4545IMNTWG-L Datasheet HTML 1Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 2Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 3Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 4Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 5Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 6Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 7Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 8Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
NCP4545
www.onsemi.com
2
PIN DESCRIPTION
Pin
Name
Function
1
DELAY
Turn−on delay adjustment
2
VCC
Supply voltage to controller (3.0 V − 5.5 V)
3
GND
Controller ground
4, 5, 9−14, 18, 19
VIN
Drain of MOSFET (0.5 V − 6.0 V)
6−8
VOUT
Source of MOSFET connected to load
15
BLEED
Load bleed connection
16
EN
NCP4545IMNTWG − Active−High digital input used to turn on the MOSFET, pin
has an internal pull down resistor to GND
NCP4545IMNTWG−L − Active−Low digital input used to turn on the MOSFET,
pin has an internal pull up resistor to VCC
17
SR
Slew rate adjustment
ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage Range
VCC
−0.3 to 6
V
Input Voltage Range
VIN
−0.3 to 6
V
Output Voltage Range
VOUT
−0.3 to 6
V
EN Digital Input Range
VEN
−0.3 to (VCC + 0.3)
V
Thermal Resistance, Junction−to−Air (Note 1)
RqJA
49.9
°C/W
Thermal Resistance, Junction−to−Air (Note 2)
RqJA
32.8
°C/W
Thermal Resistance, Junction−to−Case (VIN Paddle)
RqJC
3.3
°C/W
Continuous MOSFET Current (Note 3)
IMAX
10.5
A
Total Power Dissipation @ TA = 25°C (Notes 1 and 4)
Derate above TA = 25°C
PD
1.30
20.1
W
mW/
°C
Total Power Dissipation @ TA = 25°C (Notes 2 and 4)
Derate above TA = 25°C
PD
1.98
30.5
W
mW/
°C
Storage Temperature Range
TSTG
−40 to 150
°C
Lead Temperature, Soldering (10 sec.)
TSLD
260
°C
ESD Capability, Human Body Model (Notes 5 and 6)
ESDHBM
4.0
kV
ESD Capability, Machine Model (Note 5)
ESDMM
200
V
ESD Capability, Charged Device Model (Note 5)
ESDCDM
1
kV
Latch−up Current Immunity (Note 5)
LU
100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. Surface−mounted on FR4 board using the minimum recommended pad size, 1 oz Cu.
2. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
3. Current limited by package.
4. Specified for derating purposes only, ensure that IMAX is never exceeded.
5. Tested by the following methods @ TA = 25°C:
ESD Human Body Model tested per AEC−Q100−002 (EIA/JESD22−A114)
ESD Machine Model tested per EIA/JESD22−A115
ESD Charged Device Model per EIA/JESD22−C101
Latch−up Current Maximum Rating:
≤100 mA per JEDEC standard: JESD78
6. Rating is for all pins except for VIN and VOUT which are tied to the internal MOSFET’s Drain and Source. Typical MOSFET ESD performance
for VIN and VOUT should be expected and these devices should be treated as ESD sensitive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com