Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP4545IMNTWG-L Datasheet(PDF) 3 Page - ON Semiconductor

Part # NCP4545IMNTWG-L
Description  ecoSwitch Advanced Load Management
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP4545IMNTWG-L Datasheet(HTML) 3 Page - ON Semiconductor

  NCP4545IMNTWG-L Datasheet HTML 1Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 2Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 3Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 4Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 5Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 6Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 7Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 8Page - ON Semiconductor NCP4545IMNTWG-L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
NCP4545
www.onsemi.com
3
RECOMMENDED OPERATING RANGES
Rating
Symbol
Min
Max
Unit
Supply Voltage
VCC
3
5.5
V
Input Voltage
VIN
0.5
6
V
Ground
GND
0
V
Ambient Temperature
TA
0
70
°C
Junction Temperature
TJ
0
90
°C
Functional operation above the stresses listed in the Recommended Operating Ranges is not implied. Extended exposure to stresses beyond
the Recommended Operating Ranges limits may affect device reliability.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Conditions (Note 7)
Symbol
Min
Typ
Max
Unit
MOSFET
On−Resistance
VCC = 5.0 V; VIN = 1.8 V
RON
4.7
5.9
m
W
VCC = 5.0 V; VIN = 5.0 V
4.9
6.1
VCC = 3.3 V; VIN = 1.8 V
5.0
6.7
VCC = 3.3 V; VIN = 5.0 V
5.9
7.0
Leakage Current (Note 8)
VEN = 0 V; VIN = 6 V
ILEAK
0.025
1.0
mA
CONTROLLER
Supply Standby Current (Note 9)
VEN = 0V; VCC = 5.5 V
ISTBY
5.0
15
mA
Supply Dynamic Current (Note 10)
VEN = VCC = 5.5 V
IDYN
250
500
mA
Bleed Resistance
RBLEED
50
100
200
W
EN Input High Voltage
VIH
2.0
V
EN Input Low Voltage
VIL
0.8
V
EN Pull Down Resistance
NCP4545IMNTWG
RPD
40
100
180
k
W
EN Pull Up Resistance
NCP4545IMNTWG−L
RPU
40
100
180
k
W
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
7. VEN shown only for NCP4545IMNTWG (EN Active−High).
8. Average current from VIN to VOUT with MOSFET turned off.
9. Average current from VCC to GND with MOSFET turned off.
10. Average current from VCC to GND after charge up time of MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com