Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP45541IMNTWG-L Datasheet(PDF) 13 Page - ON Semiconductor

Part # NCP45541IMNTWG-L
Description  ecoSWITCH Advanced Load Management
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45541IMNTWG-L Datasheet(HTML) 13 Page - ON Semiconductor

Back Button NCP45541IMNTWG-L Datasheet HTML 5Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 6Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 7Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 8Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 9Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 10Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 11Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 12Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
NCP45541
www.onsemi.com
13
PACKAGE DIMENSIONS
DFN12 3x3, 0.5P
CASE 506CD
ISSUE A
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
12X
0.45
3.30
0.50
PITCH
2.10
0.48
2.86
1
DIMENSIONS: MILLIMETERS
0.32
11X
RECOMMENDED
PACKAGE
OUTLINE
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.15 AND 0.30 MM FROM TERMINAL TIP.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
A
D
E
B
C
0.10
PIN ONE
2X
INDICATOR
2X
TOP VIEW
SIDE VIEW
BOTTOM VIEW
A
L
D2
E2
C
C
0.10
C
0.05
C
0.05
NOTE 4
A1
SEATING
PLANE
e
12X
NOTE 3
b
12X
DIM
MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
b
0.20
0.30
D
3.00 BSC
D2
2.60
2.80
E
3.00 BSC
E2
1.90
2.10
e
0.50 BSC
L
0.20
0.40
L1
−−−
0.15
1
6
12
7
A3
0.20 REF
A3
L2
A1
A3
DETAIL B
MOLD CMPD
EXPOSED Cu
ALTERNATE
CONSTRUCTION
L1
DETAIL A
L
ALTERNATE
CONSTRUCTIONS
L
DETAIL B
DETAIL A
e/2
A-B
M
0.10
B
C
M
0.05
C
A
M
0.10
B
C
A
M
0.10
B
C
L2
0.10 REF
K
K
0.15 MIN
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Europe, Middle East and Africa Technical Support:
Phone: 421 33 790 2910
NCP45541/D
ecoSWITCH is a trademark of Semiconductor Components Industries, LLC (SCILLC).
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 5163, Denver, Colorado 80217 USA
Phone: 303−675−2175 or 800−344−3860 Toll Free USA/Canada
Fax: 303−675−2176 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: www.onsemi.com
Order Literature: http://www.onsemi.com/orderlit
For additional information, please contact your local
Sales Representative
ON Semiconductor and
are trademarks of Semiconductor Components Industries, LLC dba ON Semiconductor or its subsidiaries in the United States and/or other countries.
ON Semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. A listing of ON Semiconductor’s product/patent
coverage may be accessed at www.onsemi.com/site/pdf/Patent−Marking.pdf. ON Semiconductor reserves the right to make changes without further notice to any products herein.
ON Semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does ON Semiconductor assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
Buyer is responsible for its products and applications using ON Semiconductor products, including compliance with all laws, regulations and safety requirements or standards,
regardless of any support or applications information provided by ON Semiconductor. “Typical” parameters which may be provided in ON Semiconductor data sheets and/or
specifications can and do vary in different applications and actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer
application by customer’s technical experts. ON Semiconductor does not convey any license under its patent rights nor the rights of others. ON Semiconductor products are not
designed, intended, or authorized for use as a critical component in life support systems or any FDA Class 3 medical devices or medical devices with a same or similar classification
in a foreign jurisdiction or any devices intended for implantation in the human body. Should Buyer purchase or use ON Semiconductor products for any such unintended or unauthorized
application, Buyer shall indemnify and hold ON Semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and
expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that ON Semiconductor was negligent regarding the design or manufacture of the part. ON Semiconductor is an Equal Opportunity/Affirmative Action Employer. This
literature is subject to all applicable copyright laws and is not for resale in any manner.
◊



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com