Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCP45541IMNTWG-L Datasheet(PDF) 2 Page - ON Semiconductor

Part # NCP45541IMNTWG-L
Description  ecoSWITCH Advanced Load Management
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP45541IMNTWG-L Datasheet(HTML) 2 Page - ON Semiconductor

  NCP45541IMNTWG-L Datasheet HTML 1Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 2Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 3Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 4Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 5Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 6Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 7Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 8Page - ON Semiconductor NCP45541IMNTWG-L Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
NCP45541
www.onsemi.com
2
Table 1. PIN DESCRIPTION
Pin
Name
Function
1, 13
VIN
Drain of MOSFET (0.5 V – 13.5 V), Pin 1 must be connected to Pin 13
2
EN
NCP45541−H − Active−high digital input used to turn on the MOSFET, pin has an internal pull down resistor to
GND
NCP45541−L − Active−low digital input used to turn on the MOSFET, pin has an internal pull up resistor to VCC
3
VCC
Supply voltage to controller (3.0 V − 5.5 V)
4
GND
Controller ground
5
SR
Slew rate adjustment; float if not used
6
PG
Active−high, open−drain output that indicates when the gate of the MOSFET is fully driven, external pull up
resistor ≥ 1 kW to an external voltage source required; tie to GND if not used.
7
BLEED
Load bleed connection, must be tied to VOUT either directly or through a resistor
≤ 100 MW
8
NC
No connect, internally floating but pin may be tied to VOUT
9−12
VOUT
Source of MOSFET connected to load
Table 2. ABSOLUTE MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Supply Voltage Range
VCC
−0.3 to 6
V
Input Voltage Range
VIN
−0.3 to 18
V
Output Voltage Range
VOUT
−0.3 to 18
V
EN Digital Input Range
VEN
−0.3 to (VCC + 0.3)
V
PG Output Voltage Range (Note 1)
VPG
−0.3 to 6
V
Thermal Resistance, Junction−to−Ambient, Steady State (Note 2)
RθJA
30.9
°C/W
Thermal Resistance, Junction−to−Ambient, Steady State (Note 3)
RθJA
51.3
°C/W
Thermal Resistance, Junction−to−Case (VIN Paddle)
RθJC
3.5
°C/W
Continuous MOSFET Current @ TA = 25°C (Note 2)
IMAX
20
A
Continuous MOSFET Current @ TA = 25°C (Note 3)
IMAX
15.5
A
Total Power Dissipation @ TA = 25°C (Note 2)
Derate above TA = 25°C
PD
3.24
32.4
W
mW/°C
Total Power Dissipation @ TA = 25°C (Note 3)
Derate above TA = 25°C
PD
1.95
19.5
W
mW/°C
Storage Temperature Range
TSTG
−40 to 150
°C
Lead Temperature, Soldering (10 sec.)
TSLD
260
°C
ESD Capability, Human Body Model (Notes 4 and 5)
ESDHBM
3.0
kV
ESD Capability, Charged Device Model (Note 4)
ESDCDM
1.0
kV
Latch−up Current Immunity (Notes 4 and 5)
LU
100
mA
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality
should not be assumed, damage may occur and reliability may be affected.
1. PG is an open−drain output that requires an external pull up resistor ≥ 1 kW to an external voltage source.
2. Surface−mounted on FR4 board using 1 sq−in pad, 1 oz Cu.
3. Surface−mounted on FR4 board using the minimum recommended pad size, 1 oz Cu.
4. Tested by the following methods @ TA = 25°C:
ESD Human Body Model tested per JESD22−A114
ESD Charged Device Model per ESD STM5.3.1
Latch−up Current tested per JESD78
5. Rating is for all pins except for VIN and VOUT which are tied to the internal MOSFET’s Drain and Source. Typical MOSFET ESD performance
for VIN and VOUT should be expected and these devices should be treated as ESD sensitive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com