Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSI-DATA Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # PSI-DATA
Description  Industrial analog modem
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-DATA Datasheet(HTML) 3 Page - PHOENIX CONTACT

  PSI-DATA Datasheet HTML 1Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 2Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 3Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 4Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 5Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 6Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
PSI-DATA/FAX-MODEM/RS232
100500_en_01
PHOENIX CONTACT
3
3
Technical data
Power supply
Supply voltage 1
10 V DC ... 60 V DC, 16 V AC ... 40 V AC
Via COMBICON plug-in screw terminal block
Frequency
DC or 50 Hz ... 60 Hz
Supply voltage 2, alternative or redundant
24 V DC ±5%
Via backplane bus contact and system power supply
Current consumption
Nominal operation
Sleep mode (can be configured via software)
< 100 mA at 24 V
< 40 mA at 24 V
LED indicator
VCC (green LED):
– Steady light: Operation
– Flashing: Sleep mode
V.24 (RS-232) interface
Connection
9-pos. D-SUB pin strip
Device type
Data Communication Equipment (DCE)
Data format
Serial asynchronous UART/NRZ
Encoding
7/8 data, 1/2 stop, 1 parity, 10/11-bit character length
Serial transmission speed
Automatic data rate detection (default) or fixed setting at 300, 1200, 2400,
4800, 9600, 19200, 38400, 57600, 115200 bps (adjustable via software)
Data flow control
Software handshake: Xon/Xoff
Hardware handshake: RTS/CTS
No handshake or 3964R
LED indicator/data indicator
TD (green LED), data to modem (dynamic)
RD (yellow LED), data from modem (dynamic)
LED indicator/control signal indicator
DTR (yellow LED), Data Terminal Ready
DCD (yellow LED), Data Carrier Detect
PSTN port (a/b line)
Connection
RJ12, 6-pos., or COMBICON plug-in screw terminal block
Shield
DC coupled to DIN rail
Operating modes
Dial-up modem, 2-wire half/full duplex
Fax modem, 2-wire half duplex
Permanent line, 2-wire full duplex
Dialing procedure
Multiple frequency/pulse dialing, configuration via software
Transmission speed
DCE/DCE
Fax
Automatic adjustment according to V.8
300 baud to 33.6 kbaud
2400 baud to 14.4 kbaud
Compatibility
ITU V.42bis, V.42, V.34 extended, ITU V.32bis, V.32, V.21, V.22bis, V.22,
V.23, Bell 212A and 103, ITU V.17, Group 3 T.4, T.30, and EIA TR-29
Fax compatibility
EIA TR-29 Class 2, CCITT V.17, Group 3, V.29, V27ter
Command set compatibility
AT standard command set and extended, V.250 basic command set
Error correction
V.42 (LAP-M or MNP 2 to 4)
Data compression
V.42bis (throughput 4:1), MNP 5 (throughput 2:1)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com