Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSI-DATA Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # PSI-DATA
Description  Industrial analog modem
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

PSI-DATA Datasheet(HTML) 4 Page - PHOENIX CONTACT

  PSI-DATA Datasheet HTML 1Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 2Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 3Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 4Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 5Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 6Page - PHOENIX CONTACT PSI-DATA Datasheet HTML 7Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PSI-DATA/FAX-MODEM/RS232
100500_en_01
PHOENIX CONTACT
4
LED indicator/data indicator
Green LED (OH), off the hook
Yellow LED (AA), automatic answer, flashes during selective call acceptance
Yellow LED (FAX), fax mode active
Yellow LED (EC), error correction in V.42 mode, flashes when data
compression is active
Acoustic signaling
Integrated piezo
Startup diagnostics
Power on selftest, visualization via LEDs
(controller, SRAM, EEPROM, DSP)
Adaptive line test
Dial tone test, pulse dial ring test via additional function in configuration
software
Telecommunications approvals
TBR21, TBR15, TIA/EIA/IS-968 for Europe, USA, and Canada
Hardware settings
4-pos. DIP switch for dial-up and permanent line operation (under removable
cover)
PSTN port (a/b line) (continued)
Switching input and output
Switching input
U
N 24 V DC/5 mA, 9 V DC ... 48 V DC input voltage range, floating,
activates one or more of the following:
– Message to the local V.24 (RS-232) interface
– SMS (only in dial-up operation)
– Fax (only in dial-up operation)
– Output control at the remote station (via SMS)
Switching output
60 V DC/1 A or 42 V AC/1 A miniature switching relay, N/O contact,
activated by:
– Input control at the remote station
– SMS (only in dial-up operation)
– Local AT command
– AT command at the remote station
Signaling
ALR (red LED)
– Flashing: SMS/FAX error message to be sent
– Steady light: Alarm has been triggered
ERR (red LED)
– Steady light: Alarm cannot be triggered
Reset (acknowledgment) by:
– SMS (remote)
– AT command (local + remote)
– Button (local)
Text and telephone number memory
Text memory
SMS
Fax
160 characters
480 characters, 30 KB
Telephone number memory
20 telephone numbers with a maximum of 36 digits



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com