Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GSF-7550R9B Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # GSF-7550R9B
Description  50MHz 4 pole crystal filter with 9.0kHz 3dB bandwidth
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSF-7550R9B Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  GSF-7550R9B Datasheet HTML 1Page - Golledge Electronics Ltd GSF-7550R9B Datasheet HTML 2Page - Golledge Electronics Ltd GSF-7550R9B Datasheet HTML 3Page - Golledge Electronics Ltd GSF-7550R9B Datasheet HTML 4Page - Golledge Electronics Ltd GSF-7550R9B Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
GSF-75 50R9B 1/5
v1.0
GSF-75 50R9B
GSF-75 50R9B
50MHz 4 pole crystal filter with
50MHz 4 pole crystal filter with
9.0kHz 3dB bandwidth
9.0kHz 3dB bandwidth
4 pole filter in one package
Frequencies from 21.40 ~ 75.0MHz available
Custom specifications available
Miniature SM package
Option Code
CONFIGURABLE OPTIONS
Parameter
The GSF-75 50R9B has no configurable options.
Please see the specifications table for more details or contact our team today if you have other specification
requirements.


Similar Part No. - GSF-7550R9B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GSF-75 GOLLEDGE-GSF-75 Datasheet
51Kb / 1P
SM Monolithic Filter
GSF-7521R15B GOLLEDGE-GSF-7521R15B Datasheet
596Kb / 5P
21.4MHz 4 pole crystal filter with 12.0kHz 3dB bandwidth
GSF-7521R7B GOLLEDGE-GSF-7521R7B Datasheet
596Kb / 5P
21.4MHz 4 pole crystal filter with 7.5kHz 3dB bandwidth
GSF-7540R15B-Z GOLLEDGE-GSF-7540R15B-Z Datasheet
597Kb / 5P
40.68MHz 4 pole crystal filter with 15.0kHz 3dB bandwidth
GSF-7545R12B GOLLEDGE-GSF-7545R12B Datasheet
644Kb / 5P
45MHz 4 pole crystal filter with 12.0kHz 3dB bandwidth
More results

Similar Description - GSF-7550R9B

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GMCF-1010G12B GOLLEDGE-GMCF-1010G12B Datasheet
579Kb / 4P
10.7MHz 4 pole crystal filter with 12.0kHz 3dB bandwidth
GMCF-1010G7B GOLLEDGE-GMCF-1010G7B Datasheet
579Kb / 4P
10.7MHz 4 pole crystal filter with 7.5kHz 3dB bandwidth
GMCF-2121G15B GOLLEDGE-GMCF-2121G15B Datasheet
639Kb / 6P
21.4MHz 4 pole crystal filter with 15.0kHz 3dB bandwidth
GSF-6121S20B GOLLEDGE-GSF-6121S20B Datasheet
576Kb / 4P
21.4MHz 4 pole crystal filter with 20.0kHz 3dB bandwidth
GSF-7121S12B GOLLEDGE-GSF-7121S12B Datasheet
571Kb / 4P
21.4MHz 4 pole crystal filter with 12.0kHz 3dB bandwidth
GMCF-HF70G20B GOLLEDGE-GMCF-HF70G20B Datasheet
639Kb / 6P
70MHz 4 pole crystal filter with 20.0kHz 3dB bandwidth
GMCF-HF70G30B GOLLEDGE-GMCF-HF70G30B Datasheet
639Kb / 6P
70MHz 4 pole crystal filter with 30.0kHz 3dB bandwidth
GSF-6121S12B GOLLEDGE-GSF-6121S12B Datasheet
575Kb / 4P
21.4MHz 4 pole crystal filter with 12.0kHz 3dB bandwidth
GSF-6121S15B GOLLEDGE-GSF-6121S15B Datasheet
576Kb / 4P
21.4MHz 4 pole crystal filter with 15.0kHz 3dB bandwidth
GSF-7221S30B GOLLEDGE-GSF-7221S30B Datasheet
593Kb / 5P
21.4MHz 4 pole crystal filter with 30.0kHz 3dB bandwidth
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com