Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GSF-7550R9B Datasheet(PDF) 2 Page - Golledge Electronics Ltd

Part # GSF-7550R9B
Description  50MHz 4 pole crystal filter with 9.0kHz 3dB bandwidth
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSF-7550R9B Datasheet(HTML) 2 Page - Golledge Electronics Ltd

  GSF-7550R9B Datasheet HTML 1Page - Golledge Electronics Ltd GSF-7550R9B Datasheet HTML 2Page - Golledge Electronics Ltd GSF-7550R9B Datasheet HTML 3Page - Golledge Electronics Ltd GSF-7550R9B Datasheet HTML 4Page - Golledge Electronics Ltd GSF-7550R9B Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
GSF-75 50R9B 2/5
v1.0
Centre frequency
50.0MHz
Dimensions
7.2 x 5.2 x 1.5mm
Operating temperature range -20 to +75°C
Number of poles
4
Pass band
-3dB @ ±4.5kHz min
Attenuation band
-13dB @ ±12.5kHz max
In-band ripple
1.5dB max
Insertion loss
6.0dB max
Guaranteed attenuation
-70dB max -5000kHz
Termination
450Ω // 3.5pF
Coupling capacitance (C )
14.0pF
Number of units
1
To request a quotation for the GSF-75 50R9B please use the
configurable options form to choose the options you require
and then submit your configured product to our team. Our
expert advisers are always happy to help with your
requirements and can be contacted on +44 1460 256 100 or
at sales@golledge.com.
Following product selection you will be issued with a seven
character Golledge part number. Your Golledge part number is
the internationally accepted Golledge manufacturing part
number (MPN) that should be used for all project
documentation, including bills of materials (BoMs) and
purchase orders.
If you have any queries regarding any of our documentation
our dedicated sales team will be happy to help.
SPECIFICATIONS
C
PACKAGE DRAWING
ORDERING INFORMATION
SOLDERING PROFILE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com