Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M7F-3P1RF Datasheet(PDF) 9 Page - Omron Electronics LLC

Part # M7F-3P1RF
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F-3P1RF Datasheet(HTML) 9 Page - Omron Electronics LLC

Back Button M7F-3P1RF Datasheet HTML 5Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 6Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 7Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 8Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 9Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 10Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 11Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 12Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 13Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
M7F
9
■ External Connections
Refer to Block Diagram on page 8 and Terminal Arrangement on
page 7 for external connections for the M7F according to the signal
input method.
PLC Connections
• Refer to your PLC operation manual before connecting the PLC.
• The M7F connects to the PLC without using any external resistor.
• It is necessary to select the correct input method of the M7F
according to the output method of the PLC Output Unit. Refer to
Connectable PLCs on page 2 for details on the selection of the
correct input method.
• A PLC Dynamic Output Unit can be used to save wiring. Use a
dynamic input model (M7F-
@D@@@).
PLC
Terminal
name
Termi-
nal No.
PLC Output
Unit
DC power
supply (+)
12 to 24 VDC
(0 V)
Power
supply
input
Power
supply
input
PLC
A to D
0 V
0 V
With PLC Static Output Unit
1. M7F-
@P@@@ Static Positive Logic Input Model
Connected to C500-OD212 Output Unit
Note: 1. Use the M7F positive logic input model if the PLC Output Unit has PNP output.
2. The PLC connects to the M7F with ease via the enclosed G79-Y
@C Cable (with
connectors, sold separately).
Circuit Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com