Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M7F-3P1RF Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # M7F-3P1RF
Description  A Series of Three- to Five-digit Digital Display Units with a Character Height of 14 mm. Models available with either red or green displays.
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

M7F-3P1RF Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button M7F-3P1RF Datasheet HTML 8Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 9Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 10Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 11Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 12Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 13Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 14Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 15Page - Omron Electronics LLC M7F-3P1RF Datasheet HTML 16Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
M7F
12
Operation
■ Operation Timing (Input Signal Timing)
Dynamic Input Method (M7F-
@D@@@)
■ Operation Chart
Dynamic Input Method (M7F-
@D@@@)
The following example shows the relationship between each input terminal and the display condition. (Example: 5-digit)
ts
tw
th
Data latch
Data input
signals A to D
Strobe input
(S0 to S4)
Data latch
Data read
H
L
Pulse duration (tw) 1.5 ms
Hold time (th)
0.75 ms
Setup time (ts)
2.25 ms
Display
condition
H
L
H
L
H
L
H
L
H
L
Data contents
5
3
1
8
9
A numeric value is
displayed one digit at a
time via data signals A
to D.
Data input
signals
(A to D)
1st digit
(S0)
2nd digit
(S1)
3rd digit
(S2)
4th digit
(S3)
5th digit
(S4)
1st-digit display change
2nd-digit display change
3rd-digit display change
4th-digit display change
5th-digit display change
Data read
Data latch
Data latch
Data read
Data latch
Data latch
Data read
Data latch
Data latch
Data read
Data latch
Data latch
Data read
Data latch
Data input signals
Strobe input signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com