Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFT09MP055N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # AFT09MP055N
Description  High Ruggedness N-Channel Enhancement-Mode Lateral MOSFETs
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

AFT09MP055N Datasheet(HTML) 3 Page - NXP Semiconductors

  AFT09MP055N Datasheet HTML 1Page - NXP Semiconductors AFT09MP055N Datasheet HTML 2Page - NXP Semiconductors AFT09MP055N Datasheet HTML 3Page - NXP Semiconductors AFT09MP055N Datasheet HTML 4Page - NXP Semiconductors AFT09MP055N Datasheet HTML 5Page - NXP Semiconductors AFT09MP055N Datasheet HTML 6Page - NXP Semiconductors AFT09MP055N Datasheet HTML 7Page - NXP Semiconductors AFT09MP055N Datasheet HTML 8Page - NXP Semiconductors AFT09MP055N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
AFT09MP055NR1 AFT09MP055GNR1
3
RF Device Data
Freescale Semiconductor, Inc.
Table 5. Electrical Characteristics (TA =25°C unless otherwise noted) (continued)
Characteristic
Symbol
Min
Typ
Max
Unit
Dynamic Characteristics (1)
Reverse Transfer Capacitance
(VDS = 12.5 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Crss
1.9
pF
Output Capacitance
(VDS = 12.5 Vdc ± 30 mV(rms)ac @ 1 MHz, VGS =0 Vdc)
Coss
61
pF
Input Capacitance
(VDS = 12.5 Vdc, VGS =0 Vdc ± 30 mV(rms)ac @ 1 MHz)
Ciss (2)
690
pF
Functional Tests (3) (In Freescale Narrowband Test Fixture, 50 ohm system) VDD = 12.5 Vdc, IDQ(A+B) = 550 mA, Pin = 1 W,f= 870 MHz
Common--Source Amplifier Output Power
Pout
57
W
Drain Efficiency
ηD
69.0
%
1. Each side of device measured separately.
2. Value includes input matching network.
3. Measurement made with device in straight lead configuration before any lead forming operation is applied. Lead forming is used for gull
wing (GN) parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com