Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SCMIMX6DQCEC Datasheet(PDF) 23 Page - NXP Semiconductors

Part # SCMIMX6DQCEC
Description  ARM Cortex-A9 MPCore 4xCPU processor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SCMIMX6DQCEC Datasheet(HTML) 23 Page - NXP Semiconductors

Back Button SCMIMX6DQCEC Datasheet HTML 19Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 20Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 21Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 22Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 23Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 24Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 25Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 26Page - NXP Semiconductors SCMIMX6DQCEC Datasheet HTML 27Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
SCM-i.MX 6Dual/6Quad Datasheet for Consumer Products, Data Sheet: Technical Data, Rev. 0, 02/2016
Freescale Semiconductor, Inc.
23
The table below shows the device list for ground, power, sense, and reference contact signals
Table 7-3 Supply Signal List for i.MX6 Dual
Supply Name
Balls
Remark
DDR_1V2
E5, E9, E14, V15
DDR_1V2_SW3AFB
W8
DDR_1V8
V5
GPANAIO
U12
Test signal. Should be unconnected.
GND
A1, C16, U9, V6, W4, W9, Y4, Y5, E10, E6,
E7, E8, F10, F11, F6, F7, F8, A20, F9, G10,
G11, G12, G14, G6, G7, G9, H10, H11,
AA12, H12, H14, H20, H9, J1, J10, J11,
J12, J13, J14, AA14, J7, J8, J9, K10, K11,
K12, K7, K8, K9, L10, AA15, L11, L12, L18,
L7, L8, L9, R3, R6, R7, R8, AA16, U20, V10,
V11, V14, V2, W11, W14, W15, Y12, Y14,
AA18, Y15, AA3, AA4, AA5, AA6, AA7,
AA8, AA9, AB11, AB3, AC15, AB4, AB5,
AB6, AB7, AB8, AB9, AC4, AC5, AC6, AC7,
AE20, AC8, AC9, AE1, T6, T7, T8, T9, U6,
U7, U8
HDMI_DDCCEC
H19
HDMI_VP
L14
HDMI_VPH
K14
LICELL
Y11
LICELL output from PMIC
NVCC_CSI
H15
NVCC_EIM0_NOR
L5
EIM0 domain shared with the SPI NOR.
NVCC_EIM1
K5
NVCC_EIM2
J5
NVCC_ENET
G5
NVCC_GPIO
G15
NVCC_JTAG
P15
NVCC_LCD
H5
NVCC_LVDS2P5
F15
NVCC_MIPI
M14
NVCC_NANDF
P10
NVCC_PLL_OUT
R14
NVCC_RGMII
M5
NVCC_SD1
M6
NVCC_SD2
N10
NVCC_SD3
P11
PCIE_VP
N15
PCIE_VPH
N12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com