Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

L6668TR Datasheet(PDF) 11 Page - STMicroelectronics

Part # L6668TR
Description  SMART PRIMARY CONTROLLER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6668TR Datasheet(HTML) 11 Page - STMicroelectronics

Back Button L6668TR Datasheet HTML 7Page - STMicroelectronics L6668TR Datasheet HTML 8Page - STMicroelectronics L6668TR Datasheet HTML 9Page - STMicroelectronics L6668TR Datasheet HTML 10Page - STMicroelectronics L6668TR Datasheet HTML 11Page - STMicroelectronics L6668TR Datasheet HTML 12Page - STMicroelectronics L6668TR Datasheet HTML 13Page - STMicroelectronics L6668TR Datasheet HTML 14Page - STMicroelectronics L6668TR Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
11/23
L6668
Figure 29. S-COMP ramp vs. Tj
Figure 30. UVLO saturation vs. Tj
Figure 31. Gate-drive clamp vs. Tj
Figure 32. Gate-drive output low saturation
Figure 33. Gate-drive output high saturation
Tj (°C)
Vpin15
(V)
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
Vcc = 15 V
RS-SCOMP = 3 k
Ω
Peak
Valley
Tj (°C)
-50
0
50
100
150
0.5
0.6
0.7
0.8
0.9
1
Vcc = 0 V
Vpin4
(V)
Tj (°C)
Vpin4 clamp
(V)
-50
0
50
100
150
12
12.2
12.4
12.6
12.8
13
Vcc = 20 V
Vpin4[V]
0
200
400
600
800
1,000
1,200
0
1
2
3
4
5
IGD[mA]
Tj = 25 °C
Vcc = 12 V
SINK
0
200
400
600
800
1,000
Vpin4[V]
IGD[mA]
Tj = 25 °C
Vcc = 12 V
SOURCE
Vcc - 2.0
Vcc - 5.0
Vcc - 3.0
Vcc - 6.0
Vcc - 4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com